Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 43Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 44Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 45Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 46Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 47Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 48Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 49Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 50Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
state is inverted when the configured slot starts. At power down, the pin goes back to its default value when the
configured slot starts. See Figure 31 as an example of HVIO pins configuration, with HVIO1 default state low
and assigned to SLOT1.
aaa-046848
VBAT
HVIO1
(default 0)
OTP
Loaded
Slot 0
Tslot
Tslot
Tslot
Slot 1
Slot 2
Vsup > Vsup_UV
Figure 31. Example of HVIO1 pin configuration in the slots, at power up
16.2.3 Electrical characteristics
TA = −40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
HVIO1
HVIO1VIL
Digital low-input voltage threshold (falling)
-
-
2
V
HVIO1VIH
Digital high-input voltage threshold (rising)
2.97
-
-
V
HVIO1HYST
Hysteresis
100
-
400
mV
HVIO1VOL
Low-output level (IOUT = 2 mA)
-
-
0.4
V
HVIO1ILIM
Current limitation
4
-
22
mA
IIN_HVIO1
Input current on HVIO1 pin (No pull down or pull
up)
-5
-
5
μA
RPD_HVIO1
Pulldown resistance
100
200
400
kΩ
RPU_HVIO1
Pullup resistance
100
200
400
kΩ
THVIO1_FLT
Wake-up filtering time
• HVIO1_DGLT = 0
• HVIO1_DGLT = 1
12
50
15
65
20
80
μs
THVIO1_FALL
Fall time using open drain (external pullup at VUP
= 14 V, COUT_HVIO1 = 10 nF)
-
-
30
μs
THVIO1_WU
Time between HVIO1 rising and V1 switching
from PFM to PWM mode when HVIO1 configured
as “mode selection”
• LOAD_OTP_BYP = 0
• LOAD_OTP_BYP = 1
-
-
150
50
-
-
μs
Table 19. HVIO1 electrical characteristics
16.3 INTB
INTB is an open-drain output pin with internal pullup to VDDIO. This pin generates a pulse when an internal
interrupt occurs to inform the MCU. Each interrupt can be masked by setting the corresponding inhibit interrupt.
An INTB pulse can be required for diagnosis by the MCU setting the SPI INTB_REQ bit in M_SYS_CFG SPI
register.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
47 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com