Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 19Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 20Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 21Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 22Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 23Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 24Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 25Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 26Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
12.3 Main state machine description
Power-on reset and power-up sequence
The FS23 starts when VBOS > VBOS_POR and VDIG > VDIG_POR. VBOS is the first supply to start. The internal
1.6 V supply of the digital circuitry, VDIG, is generated from VBOS. When VBOS > VBOS_UV, the high-power
(HP) analog circuitry is enabled and the OTP registers content is loaded into mirror registers. When VSUP >
VSUP_UV , the power-up sequence starts in Slot 0, with at least V1 regulator. The remaining regulators start
according to the power-up sequencing configured by OTP.
Transition to fail-safe during the power up
During the power-up sequence, if VBOS < VBOS_UV, the device goes to Fail-safe mode and all regulators are
disabled. If an overvoltage or an overtemperature is detected, the device goes to fail-safe, depending on the
OTP configuration.
Normal mode
When the power up is finished, the main state machine is in Normal mode, which is the application running
mode. If VSUP < VSUP_UV, an interrupt is generated but it has no effect on the state machine. If VBOS <
VBOS_UV, the device goes to Fail-safe mode.
Transitions to low-power modes
The device can go to Low-power modes via an SPI/I2C command from the MCU. A GO2LPOFF command will
start the power-down sequence to go in LPOFF mode, and a GO2LPON command will start the power-down
sequence to go in LPON mode. The device goes into Low-power mode after the power-down sequence to stop
all the regulators in the reverse order of the power-up sequence. In case the device goes in LPON, V1 regulator
is not shut down and is kept ON.
Transition to Fail-safe from Normal mode
In case of loss of VBOS (VBOS < VBOS_UV), the device goes directly to Fail-safe mode without power-down
sequence.
In case of overvoltage detection, or TSD detection on a regulator, depending on OTP configuration, or when
the fault error counter reaches its maximum value, the device stops and goes directly to Fail-safe mode without
power-down sequence.
Fail-safe state exit
Three behaviors are configurable by OTP to exit the Fail-safe state:
• Automatic restart after TFS_DUR (autoretry feature, configurable by OTP at 100 ms or 4 s)
• Semi-automatic restart after TFS_DUR, the device exits Fail-safe state and enters LPOFF states, then waits for
a wake-up source to transition to M2 and restart (FS_LPOFF = 1 and KEY_OFFON_EN_OTP = 0).
• Restart on Key OFF – Key ON event: Key OFF – Key ON feature is meant to be used when the ignition
signal is connected to WAKE1. When enabled, the car driver must turn OFF then ON the ignition signal
to restart the device from fail-safe. In this case, the device will only exit fail-safe when WAKE1 = 0 and
KEY_OFFON_EN_OTP = 1, and will transition to LPOFF. There, the device will wait for a wake-up event (that
is, WAKE1 = 1) to transition to M2 and restart.
• This feature requires WAKE1 to be configured as a direct wake-up source.
Waking up from Low-power modes
When waking up from Low-power modes, it is possible to reduce the startup time by bypassing the M3 state
(OTP content loaded in the mirror register) using LOAD_OTP_BYP SPI/I²C bit. This is also valid when exiting
fail-safe.
When waking up from LPON only, it is possible to bypass slots 1 and 2 if all of the regulators are configured to
start in Slot 0. This can be configured by OTP (SLOT_BYP_OTP) or later by SPI/I²C (SLOT_BYP).
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
23 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com