Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 59Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 60Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 61Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 62Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 63Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 64Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 65Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 66Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
17.2 Timer functions
LDT_FNCT[2:0]
LDT Function
000
Function 1: In Normal mode, count and generate a flag or an interrupt when the counter
reaches the after-run value.
001
Function 2: In Normal mode, count until the counter reaches the after-run value and enters
Low-Power mode.
010
Function 3: In Normal mode, count until the counter reaches the after-run value and enters
Low-Power mode. Once in Low-Power mode, count until the counter reaches the wake-up
value and wakes up.
011
Function 4: In Low-Power mode, count until the counter reaches the wake-up value and
wakes up.
100
Function 5: In Low-Power mode, count and do not wake up unless the counter overflow
occurs or if the device wakes up by wake-up input source.
Table 30. LDT functions
aaa-051455
FUNCTIONS
Function 1
SPI: configure timer function 1
No entry in Low Power
mode controlled by LDT
Entry in Low Power mode
when after run value reached
Entry in Low Power mode
when after run value reached
Wake-up
value reached
Wake-up
value reached
Entry in Low
Power mode by SPI
Entry in Init mode
after wake up by timer
Entry in Init mode
after wake up by timer
Entry in init mode
after wake up by timer
SPI: write after run register
After run value reached
After run
value reached
After run
value reached
Timer counts
Timer counts
Timer counts
Timer counts
Timer counts
Entry in Low Power
mode by SPI
Timer counts
WAKE-UP (ex IOs)
WAKE-UP
WAKE-UP
INTB
SPI: write LDT_EN = 1
INTB when after run value reached
Function 2
SPI: configure timer function 2
SPI: write after run register
SPI: write LDT_EN = 1
Entry in Low Power mode after
run value reached
Entry in Low Power mode after
run value reached and wake up
when wake-up value reached
Function 3
SPI: configure timer function 3
SPI: write after run register
SPI: write wake-up register
SPI: write LDT_EN = 1
SPI: write LDT_EN = 1
NORMAL MODE
LOW-POWER MODE (LPON/LPOFF)
Function 4
SPI: configure timer function 4
SPI: write wake-up register
SPI: go to Low Power mode
Wake up when wake-up
value reached
Function 5
SPI: configure timer function 5
SPI: write LDT_EN = 1
SPI: go to Low Power mode
Wake up when other wake-up
event occurs (ex lOs)
Figure 34. Long duration timer functions
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
63 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com