Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 49Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 50Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 51Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 52Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 53Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 54Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 55Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 56Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
15.3.1 LVIO3, LVIO4, LVI5 used as input
The LVIO3, LVIO4, and LVI5 pins can be used as simple wake-capable digital inputs. In this case, when the
device is in Normal mode, any event on the LVIO3, LVIO4, or LVI5 pins generates a flag (LVIOx_I), when not
masked (LVIOx_M). In Low-power ON mode, wake-up events are generated on level (high or low), depending
on LVIOx_WUCFG bits.
When used as a wake-up source, internal pulldown and pullup resistors can be enabled or disabled as per
LVIOxPUPD_OTP[1:0] bits.
The LVIO3, LVIO4, or LVI5 pins can also be configured as FCCU2 input, to provide MCU or external device
error detection in combination or independently of FCCU1 pin. This mechanism is detailed in Section 19.3.
When the SPI communication interface is used, the MOSI/LVI5 pin, is used a MOSI function. See Section 20.2.
15.3.2 LVIO3, LVIO4, LVO6 used as output
The LVIO3 and LVIO4 pins can be configured as digital outputs by OTP via LVIOx_XX_EN_OTP bits. The
LVIO3 and LVIO4 pins can then be used as high-side driver, low-side driver, push-pull driver or in 3-state,
depending on LVIOx_HS_EN_OTP and LVIOx_LS_EN_OTP bits. The LVIO3 and LVIO4 pins' output states can
be controlled by SPI/I2C using LVIOxHI and LVIOxLO control bits.
The LVIO3 and LVIO4 default output states can be configured by OTP using LVIOx_OUT_DFLT_OTP. They
can also be assigned to one of the power sequence slots (SLOT_0/1/2) by OTP using LVIOx_SLOT_OTP. In
this case, during power up, the pin follows the default state as soon as the OTP configuration is loaded in the
mirror registers and the pin state is inverted when the configured slot starts. At power down, the pin goes back
to its default value when the configured slot starts. See Figure 30 as an example of LVIO pins configuration, with
LVIO3 default state low and assigned to SLOT_1, and LVIO4 default state high assigned to SLOT_2.
aaa-051452
VBAT
LVIO3
(default 0)
LVIO4
(default 1)
OTP
Loaded
Slot 0
Tslot
Tslot
Tslot
Slot 1
Slot 2
Vsup > Vsup_UV
Figure 30. Example of LVIO pins configuration in the slots, at power-up.
The LVIO3 and LVIO4 pins can also be configured respectively as LIMP1 and LIMP2 pseudo-safety outputs, for
a local use case. These functions come in addition to the LIMP0 safety output pin, and are described in detail in
Section 19.6.6.
LVO6 can be used as push-pull driver, with 3-state default condition, when the I2C communication interface is
used. In this case, it can be controlled by I2C using LVO6HI and LVO6LO bits.
When SPI communication interface is used, MOSI/LVO6 pin is used as MISO function. See Section 20.2.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
53 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com