Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 32Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 33Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 34Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 35Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 36Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 37Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 38Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 39Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
aaa-051445
No modulation
(0 %)
Same slope as triangle
∆f = 10 %
-10 %
Sequence:
0 %
2 pseudo random values
-10 %
2 pseudo random values
0 %
2 pseudo random values
-10 %
Pseudo random
value between 0 and -10 %
Figure 20. Pseudo-random triangular spread spectrum
13.1.3 Application schematic
aaa-051443
CBOOT_BUCK
C1_IN_BUCK
C1_OUT_BUCK
LV1_BUCK
V1
V1_IN
V1 - HVBUCK
Figure 21. HVBUCK schematic with connection to V1_IN
13.1.4 Electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. V1_IN = VBUCK_IN (min) to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical characteristics
VBUCK_IN_STUP
Input-voltage range during startup and softstart time
4.6
-
36
V
VBUCK_IN
Input-voltage range (after start-up)
(VBUCK +
((Max(RLS_
BUCK) +
Max(RDCR_
LBUCK)) x
IBUCK))/
DCMAX_DROP
-
36
V
VBUCK_PWM
Output-voltage in Normal mode
(VV1_BUCK_OTP configuration, 3.3 V or 5 V)
3.3
-
5.0
V
VBUCK_PFM
Output-voltage in Low-Power ON mode
(VV1_LP_BUCK_OTP configuration, 3.3 V or 5 V)
3.3
-
5.0
V
VBUCK_ACCPWM
Output-voltage accuracy in PWM mode
-2
-
2
%
VBUCK_ACCPFM
Output-voltage accuracy in PFM mode
-4
-
4
%
IBUCK_PWM
Output current capability in PWM mode
-
-
400
mA
IBUCK_PWM_450k
Output current capability in PWM mode at 450 kHz only, VBOS supplied by VSUP
-
-
600
mA
Table 15. Electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
36 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com