Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 78Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 79Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 80Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 81Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 82Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 83Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 84Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 85Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
WDW_RECOV[3:0]
Watchdog window duration when the
device is in fault recovery strategy
0000
DISABLE (Infinite window, fully open)
0001
1.0 ms
0010
2.0 ms
0011
3.0 ms
0100
4.0 ms
0101
6.0 ms
0110
8.0 ms
0111
12 ms
1000
16 ms
1001
24 ms
1010
32 ms
1011(default)
64 ms
1100
128 ms
1101
256 ms
1110
512 ms
1111
1024 ms
Reset condition
POR
Table 40. Watchdog window in fault recovery configuration
The transition from WDW_PERIOD to WDW_RECOVERY happens when the FCCU pin indicates an
error and FS0B or LIMP0 is asserted. If the MCU sends a good watchdog refresh before the end of the
WDW_RECOVERY duration, the device switches back to the WDW_PERIOD duration and associated duty
cycle if the FCCU pins do not indicate an error anymore. Otherwise, a new WDW_RECOVERY period is
started. If the MCU does not send a good watchdog refresh before the end of the WDW_RECOVERY duration,
then a reset pulse is generated and the device goes to Fail-safe state.
aaa-051468
FCCU
Normal phase
Error phase
WDW_RECOVERY
WDW_PERIOD
WDW_PERIOD
WDW_RECOVERY
WDW_RECOVERY
Initialization
FCCU error
FLT_ERR_CNT +1
FCCU error
FLT_ERR_CNT +1
Bad WD or
window timeout
Good WD
Good WD
Normal phase
Error phase
FS0B
WD_WINDOW
RSTB
Figure 47. Fault recovery strategy principle
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
82 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com