| Electronic Components Datasheet Search |
|
MFS2301BMBACEP Datasheet(PDF) 84 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS2301BMBACEP Datasheet(HTML) 84 Page - NXP Semiconductors |
|
84 / 230 page ![]() NXP Semiconductors FS23 Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers The polarity of the FCCU fault signals is configurable with FCCU12_FLT_POL bit during the INIT_FS phase. FCCU12_FLT_POL FCCU12 polarity 0 (default) FCCU1 = 0 or FCCU2 = 1 level is a fault 1 FCCU1 = 1 or FCCU2 = 0 level is a fault Reset condition POR Table 43. FCCU12 polarity configuration When FCCU fault is detected in bi-stable protocol, the fail-safe reaction on RSTB, FS0B, or LIMP0 pins is configurable with the FCCU1_RSTB/FS0B/LIMP0_IMPACT bits during the INIT phase. FCCU1_RSTB/FS0B/LIMP0_IMPACT FCCU12 impact on RSTB/FS0B/LIMP0 0 No effect on the pin 1 (default) The pin RSTB/FS0B/LIMP0 is asserted Reset condition POR Table 44. FCCU12 error impact configuration 19.3.2 FCCU1, FCCU2 independent monitoring When FCCU1 and/or FCCU2 are used independently, the FCCU inputs can monitor two different and independent error signals. These error signals can be either steady-state level signals or PWM signals. When the error signal(s) is/are steady-state level signal(s), the polarity of each FCCU fault signal is configurable with FCCUx_FLT_POL bits during the INIT phase. FCCU1_FLT_POL FCCU1 polarity 0 (default) FCCU1 low level is a fault 1 FCCU1 high level is a fault Reset condition POR FCCU2_FLT_POL FCCU2 polarity 0 (default) FCCU2 low level is a fault 1 FCCU2 high level is a fault Reset condition POR Table 45. FCCUx polarity configuration When the error signal(s) is/are PWM signal(s), the error state is reported when the high-level signal duration is < FCCU12HFDET or when the low-level signal duration is > FCCU12LFDET The fail-safe reaction on RSTB, FS0B, or LIMP0 to an FCCU fault detection is configurable with the FCCUx_RSTB/FS0B/LIMP0_IMPACT bits during the INIT phase. FCCU1_RSTB/FS0B/LIMP0_IMPACT FCCU1 impact on RSTB/FS0B/LIMP0 0 No effect on the pin 1 (default) The pin RSTB/FS0B/LIMP0 is asserted Reset condition POR FCCU2_RSTB/FS0B/LIMP0_IMPACT FCCU2 impact on RSTB/FS0B/LIMP0 Table 46. FCCUx error impact configuration FS23 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 7.0 — 16 October 2024 Document feedback 84 / 230 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |