Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 38Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 39Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 40Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 41Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 42Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 43Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 44Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 45Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
13.2.2 Application schematic
aaa-051446
CIN_LDO1
COUT_LDO1
Optional
VLDO1
V1_IN
V1 - HVLDO1
Figure 24. HVLDO1 application schematic, with optional external PNP
13.2.3 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. V1_IN = VSUP = 5.5 V to 40 V if V1 = 5 V, or V1_IN = VSUP = 4 V to 40 V if V1 = 3.3 V,
unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
VLDO1_IN
Input voltage range
4
-
40
V
VLDO1
Output voltage (OTP configurable)
VV1_LDO_OTP = 0
VV1_LDO_OTP = 1
3.234
4.9
3.3
5.0
3.366
5.1
V
VLDO1_ACC
Output voltage accuracy
-2
-
2
%
VLDO1_DROP
Maximum output voltage drop in drop out mode
(VLDO1 = 5 V, VLDO1_IN = 4.5 V, ILDO1 = 100 mA)
-
-
500
mV
ILDO1_PNP_RATIO
Current ratio between int. PMOS and ext. PNP
3.4
4.0
4.6
-
ILDO1_NORMAL_PMOS
DC current capability in Normal mode (int. PMOS only)
-
-
100
mA
ILDO1_NORMAL_PNP
DC current capability in Normal mode (with ext. PNP)
-
-
250
mA
ILDO1_LPON
DC current capability in LPON mode (int. PMOS only)
-
-
100
mA
ILDO1_ILIM_PMOS
Internal PMOS current limitation
CONF_OC_V1_OTP = 0
CONF_OC_V1_OTP = 1
150
75
-
-
300
160
mA
ILDO1_ILIM_PNP
Total current limitation with ext. PNP
CONF_OC_V1_OTP = 0
CONF_OC_V1_OTP = 1
660
330
-
-
840
420
mA
mA
ILDO1_ILIM_BASE
External PNP base current limitation
10
-
20
mA
TSDV1
Thermal shutdown threshold
175
190
215
°C
TSDV1_HYST
Thermal shutdown threshold hysteresis
6
9
16
°C
Dynamic electrical characteristics
TLDO1_SOFT_START
Soft start (from 10 % to 90 %), with and without ext. PNP
150
300
500
µs
TLDO1_PDWN
Discharge time when disabled
-
-
2
ms
TLDO1_ILIM
Current limit filtering time
16
20
36
µs
Table 17. LDO1 electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
42 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com