Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 70Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 71Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 72Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 73Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 74Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 75Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 76Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 77Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
Figure 42. Timing diagram of LIN duty cycle
18.2.2 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSHS = VSHS_UV to 28V, unless otherwise specified. VDDIO = 3V to
5.5V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
LINTXD
Static characteristics
VLINTXD_ IH
LINTXD input threshold high
0.7 x
VDDIO
-
-
V
VLINTXD_ IL
LINTXD input threshold low
-
-
0.3 x
VDDIO
V
RLINTXD_ PU
LINTXD pullup resistance
100
200
400
kΩ
LINRXD
VLINRXD_OH
LINRXD output high level relative to VDDIO, IOUT = -2 mA
0.8 x
VDDIO
-
-
V
VLINRXD_OL
LINRXD output low level relative to VDDIO, IOUT = 2 mA
-
-
0.2 x
VDDIO
V
Table 33. LIN transceiver characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
74 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com