Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 90Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 91Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 92Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 93Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 94Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 95Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 96Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 97Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
19.6.2 FS0B
FS0B is an open-drain output that can be used to transition the system in safe state. It is asserted low by
default, and must be released by the MCU in Normal mode. Once released, it is asserted low in case of fault
and depending on the fault impact configuration. In Low-Power modes (LPON and LPOFF), FS0B is asserted
low.
FS0B requires an external pullup resistor to VDDIO or VSUP, a 10 nF filtering capacitor to GND for immunity
when FS0B is a local pin, and an additional RC network when FS0B is a global pin to be robust against ESD
GUN and ISO 7637 transient pulses. An internal pulldown RPD ensures FS0B low level in LPON AND LPOFF
and Power-Up/Down mode. Redundant supplies of the FS0B driver ensure the pin will be driven low when
VSUP is lost. FS0B assertion depends on the device configuration during INIT phase. FS0B can also be
asserted at MCU request by SPI/I2C, to check the correct hardware connection.
aaa-051424
VBOS/V1/VDDIO
LOGIC
FS0B
To fail-safe
circuitry
VDDIO or VSUP
10 nF
22 nF
5.1 kΩ
5.1 kΩ
RPD
Figure 52. FS0B pin implementation
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
FS0BVIL
Low-level input voltage
0
-
0.7
V
FS0BVIH
High-level input voltage
1.5
-
-
V
FS0BVOL
Low-level output voltage (I = 2.0mA)
-
-
0.5
V
FS0BRPD
Internal pulldown resistor
1
2
4
MΩ
FS0BILIM
Current limitation
4.0
-
22.0
mA
Dynamic electrical characteristics
FS0BTFB
Feedback filtering time
8
10
16
µs
FS0BTSC
Short- to high-detection timer
500
650
800
µs
FS0BTFALL
Fall time (pull up to VDDIO = 5 V, 10 nF output capacitor)
-
-
10
µs
External components
FS0BRPU
External pullup resistor to VDDIO (nominal)
-
5.1
-
kΩ
FS0BRSER
External serial resistor (optional, 0805 package size)
-
5.1
-
kΩ
FS0BCOUT1
External output capacitor (close to the pin)
-
10
-
nF
FS0BCOUT2
External output capacitor (optional, after the serial resistor)
-
22
-
nF
Table 56. FS0B electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
94 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com