Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 51Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 52Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 53Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 54Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 55Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 56Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 57Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 58Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
• The wake-up interrupts used to manage the wake-up from the Low-Power modes
The list of all the interrupts is given in Table 26.
The “classic” interrupts are maskable. If the interrupts are not masked, a pulse will be generated on the INTB
pin. Out of Normal mode, most of these interrupt flags will not be generated, because the monitoring functions
associated will be disabled. In addition, the WKx_I, HVIOx_I, LVIOx_I, and LVI5_I flags are not generated out of
Normal mode.
The I/Os are considered as wake-up sources, with the CAN, LIN, and LDT. A wake-up event on these functions
will generate a non-maskable wake-up flag (xxxx_WU_I). An interrupt pulse will be generated on INTB if the
wake-up source is enabled following SPI/I2C configuration (xxxx_WUEN[1:0] bits). Each wake-up source can be
configured to generate an interrupt, a transition to Normal mode, or both.
In LPON mode, if a wake-up event occurs and the wake-up source is enabled, an interrupt is generated, and/
or the device transitions to Normal mode. If only the interrupt generation is enabled, it is the MCU's decision to
request a transition to Normal mode or not, via GO2NORMAL SPI/I2C bit.
In LPOFF mode, if a wake-up event occurs and the wake-up source is enabled, the device transitions to Normal
mode.
15.5.2 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All
voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Interrupt pin
INTBPULL-up
Internal pullup resistor to VDDIO
5
10
20
kΩ
INTBVOL
Low-output level (IOUT = 2 mA)
-
-
0.4
V
INTBVOH
High-output level
VDDIO
– 0.5V
-
-
V
INTBILIM
INTB current limitation
4.0
-
20
mA
TINTB_PULSE
Pulse duration
INTB_DUR = 0 (short)
INTB_DUR = 1 (long)
17.5
70
25.0
100
32.5
130
μs
TINTB_TO
INTB timeout for wake-up event
8
10
12
ms
TINTB_DLY
Delay between INTB_REQ command reception
and INTB pulse start
36
40
44
μs
Table 26. INTB electrical characteristics
Interrupt
Description
Mask/Enable
Event interrupt
VSUP_UV_I
VSUP undervoltage
VSUP_UV_M
VSUP_OV_I
VSUP overvoltage
VSUP_OV_M
VSHS_UV_I
VSHS undervoltage
VSHS_UV_M
VSHS_OV_I
VSHS overvoltage
VSHS_OV_M
V1TWARN_I
V1 high-temperature warning
V1TWARN_M
VxTSD_I
Vx overtemperature (x = 1, 2, 3)
VxTSD_M
Table 27. List of interrupts from main logic
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
55 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com