Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2301BMBACEP Datasheet(PDF) 104 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 100Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 101Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 102Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 103Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 104Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 105Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 106Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 107Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
20.2.3 Cyclic redundant check
An 8-bit CRC is required for each write and read SPI command. Computation of a CRC is derived from the
mathematics of polynomial division, modulo two. The CRC polynomial used is x^8+x^4+x^3+x^2+1 (identified
by 0x1D) with a SEED value of hexadecimal '0xFF'.
Figure 54 is an example of CRC encoding HW implementation:
aaa-046864
T
T
T
T
T
T
T
T
C0
1*1
0*X
1*X2
1*X3
1*X4
0*X5
0*X6
0*X7
1*X8
C1
C2
C3
C4
C5
C6
C7
Input
Data
+
+
+
+
Figure 54. CRC encoder example
20.2.3.1 CRC encoding procedure
The effect of the CRC encoding procedure is shown in Table 70. The seed value is appended into the most
significant bits of the shift register.
Seed
Register address
Read/write
Data_MSB
Data_LSB
0xFF
Bits[31:25]
Bit[24]
Bits[23:16]
Bits[15:8]
Seed…
… padded with the message to encode
… padded with 8
zeros
Table 70. Data preparation for CRC encoding
1. Using a serial CRC calculation method, the transmitter rotates the seed and data into the least significant
bits of the shift register.
2. During the serial CRC calculation, the seed and the data bits are XOR compared with the polynomial data
bits. When the MSB is logic 1, the comparison result is loaded in the register, otherwise the data bits are
simply shifted. It must be noted the 32-bit message to be processed must have the bits corresponding to the
CRC byte all equal to zero (00000000).
3. Once the CRC is calculated, it replaces the CRC byte initially set to all zeros and is transmitted.
20.2.3.2 CRC decoding procedure
1. The seed value is loaded into the most significant bits of the receive register.
2. Using a serial CRC calculation method, the receiver rotates the received message and CRC into the least
significant bits of the shift register in the order received (MSB first).
3. When the calculation on the last bit of the CRC is rotated into the shift register, the shift register contains the
CRC check result.
• If the shift register contains all zeros, the CRC is correct.
• If the shift register contains a value other than zero, the CRC is incorrect.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
104 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com