Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 18 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 14Page - Texas Instruments TSC2004 Datasheet HTML 15Page - Texas Instruments TSC2004 Datasheet HTML 16Page - Texas Instruments TSC2004 Datasheet HTML 17Page - Texas Instruments TSC2004 Datasheet HTML 18Page - Texas Instruments TSC2004 Datasheet HTML 19Page - Texas Instruments TSC2004 Datasheet HTML 20Page - Texas Instruments TSC2004 Datasheet HTML 21Page - Texas Instruments TSC2004 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
www.ti.com
ANALOG-TO-DIGITAL CONVERTER
Converter
-REF
+REF
+IN
-IN
AUX
SNSGND
AGND
X+
X-
SNSVDD
SNSVDD
PenTouch
R
IRQ
(1)
50kW
Y+
Y-
VREF
PINTDAV
Preprocessing
Zone
Detect
Control
Logic
LevelShift
Data
Available
C3-C0
MAV
SNSVDD
AGND
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
Figure 28 shows the analog inputs of the TSC2004. The analog inputs (X, Y, and Z touch panel coordinates, chip
temperature and auxiliary inputs) are provided via a multiplexer to the Successive Approximation Register (SAR)
Analog-to-Digital (A/D) converter. The A/D architecture is based on capacitive redistribution architecture, which
inherently includes a sample-and-hold function.
(1)
Untrimmed resistor; see the typical value in the Electrical Characteristics
Figure 28. Simplified Diagram of the Analog Input Section
A unique configuration of low on-resistance switches allows an unselected A/D converter input channel to
provide power and an accompanying pin to provide ground for driving the touch panel. By maintaining a
differential input to the converter and a differential reference input architecture, it is possible to negate errors
caused by the driver switch on-resistances.
The A/D converter is controlled by two A/D Converter Control registers. Several modes of operation are possible,
depending on the bits set in the control registers. Channel selection, scan operation, preprocessing, resolution,
and conversion rate may all be programmed through these registers. These modes are outlined in the sections
that follow for each type of analog input. The conversion results are stored in the appropriate result register.
18
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com