Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 26 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 22Page - Texas Instruments TSC2004 Datasheet HTML 23Page - Texas Instruments TSC2004 Datasheet HTML 24Page - Texas Instruments TSC2004 Datasheet HTML 25Page - Texas Instruments TSC2004 Datasheet HTML 26Page - Texas Instruments TSC2004 Datasheet HTML 27Page - Texas Instruments TSC2004 Datasheet HTML 28Page - Texas Instruments TSC2004 Datasheet HTML 29Page - Texas Instruments TSC2004 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
www.ti.com
DIGITAL INTERFACE
ADDRESS BYTE
I CWrite-AddressingByte
2
AD1
1
0
0
1
0
AD0
0
A
I CRead-AddressingByte
2
AD1
S/Sr
1
0
0
1
0
AD0
1
A
STARTor
RepeatedSTART
ACK
S/Sr
STARTor
RepeatedSTART
ACK
FromMastertoSlave
A=Acknowledge(SDALOW)
S=STARTCondition
Sr=RepeatedSTARTCondition
FromSlavetoMaster
CONTROL BYTE
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
The TSC2004 has a 7-bit slave address word. The first five bits (MSBs) of the slave address are factory-preset to
comply with the I2C standard for A/D converters and are always set at '10010'. The logic state of the address
input pins (AD1-AD0) determine the two LSBs of the device address to activate communication. Therefore, a
maximum of four devices with the same preset code can be connected on the same bus at one time.
The AD1-AD0 address inputs are only read during a power-up of the device, and should be connected to a digital
supply (I/OVDD), or digital ground (DGND). The slave address is latched into the TSC2004 on the falling edge of
SCL after the read/write bit has been received by the slave.
The last bit of the address byte (R/W) defines the operation to be performed. When set to a '1', a read operation
is selected; when set to a ‘0’, a write operation is selected. Following the START condition, the TSC2004
monitors the SDA bus, checking the device type identifier being transmitted. Upon receiving the '10010' code, the
appropriate device select bits, and the R/W bit, the slave device outputs an acknowledge signal on the SDA line.
Table 4. I2C Slave Address Byte
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
1
0
AD1
AD0
R/W
Bit D0: R/W
1: I2C master read from TSC (I2C read addressing).
0: I2C master write to TSC (I2C write addressing).
Figure 34. I2C Bus Addressing (Slave Address Byte Format)
Table 5. Control Byte Format:
Start a Conversion and Mode Setting
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
1
C3
C2
C1
C0
RM
SWRST
STS
(Control Byte 1)
0
Reserved
A3
A2
A1
A0
PND0
R/W
(Control Byte 0)
(Write '0')
26
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com