Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 43 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 39Page - Texas Instruments TSC2004 Datasheet HTML 40Page - Texas Instruments TSC2004 Datasheet HTML 41Page - Texas Instruments TSC2004 Datasheet HTML 42Page - Texas Instruments TSC2004 Datasheet HTML 43Page - Texas Instruments TSC2004 Datasheet HTML 44Page - Texas Instruments TSC2004 Datasheet HTML 45Page - Texas Instruments TSC2004 Datasheet HTML 46Page - Texas Instruments TSC2004 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
www.ti.com
t
COORDINATE
+
OH2
f
OSC
)3 @ tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
)4 @ N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(6)
Programmedfor
Self-Control
(PSM=1)
X-Y-Z -Z ScanMode
(ControlByte1
D[6:3]=0000)
1
2
TSC
NotAddressed
Sample,Conversion,
andPreprocessingfor
YCoordinate
Sample,Conversion,
andPreprocessingfor
XCoordinate
Sample,Conversion,
andPreprocessingfor
Z CoordinateandZ Coordinate
1
2
Sample,Conversion,
andPreprocessingfor
YCoordinate
Reading
X-Data
Register
TouchisDetected
Detecting
Touch
Detecting
Touch
Detecting
Touch
Detecting
Touch
Reading
Y-Data
Register
Reading
Z -Data
Register
1
Reading
Z -Data
Register
2
TouchisDetected
TouchisDetected
TouchisDetected
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
t
COORDINATE
Detecting
Touch
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
If the pressure of the touch is also to be measured, the process continues in the same way, but measuring the Z1
and Z2 values instead, and storing the results in temporary registers. Once the complete sample set of data (X,
Y, Z1, and Z2) are available, they are loaded in the X, Y, Z1, and Z2 registers. This process is illustrated in
Figure 40. As before, this process time depends upon the settings described above. The time for a complete X,
Y, Z1, and Z2 coordinate reading is given by:
Where:
OH2 = overhead time #2 = 3.5 internal clock cycles.
Figure 40. Example of an X, Y, and Z Coordinate Touch Screen Scan using TSMode 1
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com