Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 20 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 16Page - Texas Instruments TSC2004 Datasheet HTML 17Page - Texas Instruments TSC2004 Datasheet HTML 18Page - Texas Instruments TSC2004 Datasheet HTML 19Page - Texas Instruments TSC2004 Datasheet HTML 20Page - Texas Instruments TSC2004 Datasheet HTML 21Page - Texas Instruments TSC2004 Datasheet HTML 22Page - Texas Instruments TSC2004 Datasheet HTML 23Page - Texas Instruments TSC2004 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
www.ti.com
Touch Detect
SNSGND
SNSVDD
PenTouch
X+
Y+
Y-
HighwhentheX+orY+
driverison,orwhenany
sensorconnection/short
circuittestsareactivated.
AGND
ON
Sense
Viasgotosystemanaloggroundplane.
DGND
Highwhen
theX+orY+
driverison.
Control
Logic
DataAvailable
Level
Shifter
R
50k
IRQ
W
(1)
SNSVDD
PINTDAV
AnalogVDD
Plane
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
PINTDAV can be programmed to generate an interrupt to the host. Figure 30 details an example for the
Y-position measurement. While in the power-down mode, the Y– driver is on and connected to GND. The internal
pen-touch signal depends on whether or not the X+ input is driven low. When the panel is touched, the X+ input
is pulled to ground through the touch screen and the internal pen-touch output is set to low because of the
detection on the current path through the panel to GND, which initiates an interrupt to the processor. During the
measurement cycles for X- and Y-Position, the X+ input is disconnected, which eliminates any leakage current
from the pull-up resistor to flow through the touch screen, thus causing no errors.
(1)
Untrimmed resistor; see the typical value in the Electrical Characteristics
Figure 30. Example of a Pen-Touch Induced Interrupt via the PINTDAV Pin
In modes where the TSC2004 must detect whether or not the screen is still being touched (for example, when
doing a pen-touch initiated X, Y, and Z conversion), the TSC2004 must reset the drivers so that the RIRQ resistor
is connected again. Because of the high value of this pull-up resistor, any capacitance on the touch screen inputs
causes a long delay time, and may prevent the detection from occurring correctly. To prevent this possible delay,
the TSC2004 has a circuit that allows any screen capacitance to be precharged, so that the pull-up resistor does
not have to be the only source for the charging current. The time allowed for this precharge, as well as the time
needed to sense if the screen is still touched, can be set in the configuration register.
This configuration underscores the need to use the minimum possible capacitor values on the touch screen
inputs. These capacitors may be needed to reduce noise, but too large a value will increase the needed
precharge and sense times, as well as the panel voltage stabilization time.
20
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com