Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 31 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 27Page - Texas Instruments TSC2004 Datasheet HTML 28Page - Texas Instruments TSC2004 Datasheet HTML 29Page - Texas Instruments TSC2004 Datasheet HTML 30Page - Texas Instruments TSC2004 Datasheet HTML 31Page - Texas Instruments TSC2004 Datasheet HTML 32Page - Texas Instruments TSC2004 Datasheet HTML 33Page - Texas Instruments TSC2004 Datasheet HTML 34Page - Texas Instruments TSC2004 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
www.ti.com
REGISTER ACCESS
ReadCycle:Sequential,fromRegisterAddressmh
to(m+n)h
(2)
(3)
I C
2
Read-AddressingByte
Register(Address=mh)Content
START
I C
2
SlaveAddress
S
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
A
1
8
8
7
Register(Address=(m+1)h)Content
Register(Address=(m+n)h)Content
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
A
8
8
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
N
P
8
8
NACK
STOP
(1)
FromMastertoSlave
A=Acknowledge(SDALOW)
N=NotAcknowledge(SDAHIGH)
S=STARTCondition
P=STOPCondition
Sr=RepeatedSTARTCondition
FromSlavetoMaster
NOTES: (1)Inordertostartthenextsequence,aSTOPconditionmustbefollowedbyaSTARTcondition.IfnoSTOPis
used,thenaRepeatedSTARTmustbeused.AlsonotethatisaSTOPconditionisissuedinHigh-Speed
mode,themodewillreverttothepreviousmode:FastorStandard.
(2)mhisahexadecimalnumber.
(3)If(m+n)hisgreaterthanFh,then(m+n)hismodulo16.
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
Data access begins with the master issuing a START (or repeated START) condition followed by the 7-bit
address and a read bit (R/W = 1; see Table 5). When the eighth bit has been received and the address matches,
the slave issues an acknowledge by pulling SDA low for one clock cycle (ACK = 0). The first byte of serial data
then follows. After the first byte has been sent by the slave, it releases the SDA line for the master to issue an
acknowledge (ACK = 0). The slave issues the second byte of serial data upon receiving the acknowledgement
from the master (D7-D0), followed by a not-acknowledge bit (ACK = 1) from the master to indicate that the last
data byte has been received. The master then issues a STOP condition (P) or repeated START (Sr), which ends
the read cycle, as shown in Figure 36 and Figure 37. If the master issues a not-acknowledge (ACK = 1) after
receipt of the first data byte, the master must then issue a stop condition (P) to reset the registers. If the master
is not ready to receive the second data byte, it should issue the acknowledge (ACK = 0), or the master should
stretch the clock. Upon restart of the clock, the second byte of data can be received by the master.
Figure 36. Sequential Read Cycle
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com