Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 50 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 46Page - Texas Instruments TSC2004 Datasheet HTML 47Page - Texas Instruments TSC2004 Datasheet HTML 48Page - Texas Instruments TSC2004 Datasheet HTML 49Page - Texas Instruments TSC2004 Datasheet HTML 50Page - Texas Instruments TSC2004 Datasheet HTML 51Page - Texas Instruments TSC2004 Datasheet HTML 52Page - Texas Instruments TSC2004 Datasheet HTML 53Page - Texas Instruments TSC2004 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
www.ti.com
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (February 2008) to Revision E ............................................................................................. Page
• Changed air gap discharge from 18kV to 25kV in the ESD protection discharge sub-bullets of Features........................... 1
• Deleted "Target" from the ESD protection discharge sub-bullets of Features ...................................................................... 1
• Changed IEC air discharge in the Absolute Maximum Ratings from ±18 to ±25 .................................................................. 2
• Changed resistance ratio from 80 to 91 .............................................................................................................................. 17
• Changed resistance ratio from 80 to 91 .............................................................................................................................. 17
• Changed T factor from 2.648 to 2.573................................................................................................................................. 17
Changes from Revision C (October 2007) to Revision D ............................................................................................... Page
• Deleted references to WCSP package availability ................................................................................................................ 1
• Changed HBM ESD protection from 6kV to 8kV in Features bullet ...................................................................................... 1
• Changed clock frequency for SNSVDD = 1.2V from 3.3 to 3.2............................................................................................. 3
• Changed clock frequency (for SNSVDD = 1.6V) min value from 3.6 to 3.3 and typ value from 3.9 to 3.7........................... 3
• Added SNSVDD = I/OVDD = V
REF = 1.6V condition to power-down supply current ............................................................. 3
• Changed power-down supply current typ value from 0 to 0.023 ........................................................................................... 3
• Changed Figure 9 ............................................................................................................................................................... 10
• Changed Equation 8; moved paren ..................................................................................................................................... 45
• Changed Equation 9; moved paren ..................................................................................................................................... 46
• Changed Equation 10; moved paren ................................................................................................................................... 46
• Changed Equation 11; moved paren ................................................................................................................................... 47
• Changed Equation 12; moved paren ................................................................................................................................... 48
• Changed Equation 13; moved paren ................................................................................................................................... 48
50
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com