Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 25 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 21Page - Texas Instruments TSC2004 Datasheet HTML 22Page - Texas Instruments TSC2004 Datasheet HTML 23Page - Texas Instruments TSC2004 Datasheet HTML 24Page - Texas Instruments TSC2004 Datasheet HTML 25Page - Texas Instruments TSC2004 Datasheet HTML 26Page - Texas Instruments TSC2004 Datasheet HTML 27Page - Texas Instruments TSC2004 Datasheet HTML 28Page - Texas Instruments TSC2004 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
www.ti.com
I2C High-Speed Mode (Hs Mode)
8-BitMasterCode00001xxx
S
IfPthen
FastorStandardMode
IfSr(dottedlines)
thenHigh-SpeedMode
1
6
7
8
9
2to5
2to5
1
6
7
8
9
1
6
7
8
9
2to5
SDA
SCL
SDA
SCL
Sr
=CurrentSourcePull-Up
=ResistorPull-Up
A=Acknowledge(SD LOW
A
)
N=NotAckno ledge
w
(SDAHIGH)
S
START
=
Condition
P=STOP Con iion
d t
Sr=RepeatedSTAR Cond
T
iti n
o
N
t
H
t
H
High-SpeedMode
FastorStandardMode
t
FS
Sr P
7-BitSlaveAddress
R/
W
A
nx(8-BitDATA
+
A/N)
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
Serial data transfer format in High-Speed (Hs) mode meets the Fast or Standard (F/S) mode I2C bus
specification. Hs mode can only commence after the following conditions (all of which are in F/S mode) exist:
1. START condition (S)
2. 8-bit master code (00001xxx)
3. not-acknowledge bit (N)
Figure 33 shows this sequence in more detail. Hs-mode master codes are reserved 8-bit codes used only for
triggering Hs mode, and are not to be used for slave addressing or any other purpose. The master code
indicates to other devices that an Hs-mode transfer is about to begin and the connected devices must meet the
Hs mode specification. Because no device is allowed to acknowledge the master code, the master code is
followed by a not-acknowledge bit (N).
After the not-acknowledge bit (N) and SCL have been pulled up to a HIGH level, the master switches to Hs-mode
and enables (at time tH; shown in Figure 33) the current-source pull-up circuit for SCL. Because other devices
can delay the serial transfer before tH by stretching the LOW period of SCL, the master enables its
current-source pull-up circuit when all devices have released SCL, and SCL has reached a HIGH level, thus
speeding up the last part of the rise time of the SCL.
The master then sends a repeated START condition (Sr) followed by a 7-bit slave address with a R/W bit
address, and receives an acknowledge bit (A) from the selected slave. After a repeated START (Sr) condition
and after each acknowledge bit (A) or not-acknowledge bit (N), the master disables its current-source pull-up
circuit. This disabling enables other devices to delay the serial transfer by stretching the LOW period of SCL. The
master re-enables its current-source pull-up circuit again when all devices have released, and SCL reaches a
HIGH level, which speeds up the last part of the SCL signal rise time.
Data transfer continues in Hs mode after the next repeated START (Sr), and only switches back to F/S mode
after a STOP condition (P). To reduce the overhead of the master code, it is possible that a master links a
number of Hs mode transfers, separated by repeated START conditions (Sr).
Figure 33. Complete High-Speed Mode Transfer
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com