Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 42 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 38Page - Texas Instruments TSC2004 Datasheet HTML 39Page - Texas Instruments TSC2004 Datasheet HTML 40Page - Texas Instruments TSC2004 Datasheet HTML 41Page - Texas Instruments TSC2004 Datasheet HTML 42Page - Texas Instruments TSC2004 Datasheet HTML 43Page - Texas Instruments TSC2004 Datasheet HTML 44Page - Texas Instruments TSC2004 Datasheet HTML 45Page - Texas Instruments TSC2004 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
www.ti.com
Programmedfor
Self-Control
X-YScanMode
(PSM=1)
(ControlByte1
D[6:3]=0001)
TSC
NotAddressed
DetectingTouch
Sample,Conversion,and
Preprocessingfor
YCoordinate
Detecting
Touch
Sample,Conversion,and
Preprocessingfor
XCoordinate
Sample,Conversion,and
Preprocessingfor
YCoordinate
Detecting
Touch
Detecting
Touch
Reading
X-Data
Register
Reading
Y-Data
Register
TouchisDetected
TouchisDetected
TouchisDetected
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
CFR2,D[15:14]=11or01
DAV,
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
t
COORDINATE
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
Table 31. Preprocessing Delay
LPPRO =
M =
W =
FOR B = 12 BIT
FOR B = 10 BIT
1
1, 4, 8, 16
2
2
3, 7
1
28
24
7
3
31
27
15
1
31
29
15
3
34
32
15
7
38
36
Figure 39. Example of an X and Y Coordinate Touch Screen Scan using TSMode 1
42
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com