Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2004 Datasheet(PDF) 27 Page - Texas Instruments

Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2004 Datasheet HTML 23Page - Texas Instruments TSC2004 Datasheet HTML 24Page - Texas Instruments TSC2004 Datasheet HTML 25Page - Texas Instruments TSC2004 Datasheet HTML 26Page - Texas Instruments TSC2004 Datasheet HTML 27Page - Texas Instruments TSC2004 Datasheet HTML 28Page - Texas Instruments TSC2004 Datasheet HTML 29Page - Texas Instruments TSC2004 Datasheet HTML 30Page - Texas Instruments TSC2004 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
www.ti.com
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
Table 6. Control Byte 1 Bit Register Description (D7 = 1)
BIT
NAME
DESCRIPTION
D7
Control Byte ID
1
D6-D3
C3:C0
Converter Function Select as detailed in Table 7
0: 10 Bit
D2
RM
1: 12 Bit
Software Reset. This bit is self-clearing.
D1
SWRST
1: Reset all register values to default
D0
STS
Stop bit for all converter functions. This bit is self-clearing.
Bit D7: Control Byte ID
1: Control Byte 1 (start conversion and channel select and conversion-related configuration).
0: Control Byte 0 (read/write data registers and non-conversion-related controls).
Bits D6-D3: C3-C0
Converter function select bits. These bits select the input to be converted, and the converter function to be
executed. Table 7 lists the possible converter functions.
Table 7. Converter Function Select
C3
C2
C1
C0
FUNCTION
Touch screen scan function: X, Y, Z1, and Z2 coordinates converted and the results returned
0
0
0
0
to X, Y, Z1, and Z2 data registers. Scan continues until either the pen is lifted or a stop bit is
sent.
Touch screen scan function: X and Y coordinates converted and the results returned to X and
0
0
0
1
Y data registers. Scan continues until either the pen is lifted or a stop bit is sent.
Touch screen scan function: X coordinate converted and the results returned to X data
0
0
1
0
register.
Touch screen scan function: Y coordinate converted and the results returned to Y data
0
0
1
1
register.
Touch screen scan function: Z1 and Z2 coordinates converted and the results returned to Z1
0
1
0
0
and Z2 data registers.
0
1
0
1
Auxiliary input converted and the results returned to the AUX data register.
A temperature measurement is made and the results returned to the Temperature
0
1
1
0
Measurement 1 data register.
A differential temperature measurement is made and the results returned to the Temperature
0
1
1
1
Measurement 2 data register.
1
0
0
0
Auxiliary input is converted continuously and the results returned to the AUX data register.
Touch screen panel connection to X-axis drivers is tested. The test result is output to
1
0
0
1
PINTDAV and shown in STATUS register.
Touch screen panel connection to Y-axis drivers is tested. The test result is output to
1
0
1
0
PINTDAV and shown in STATUS register.
RESERVED (Note: any condition caused by this command can be cleared by setting the STS
1
0
1
1
bit to 1).
Touch screen panel short-circuit (between X and Y plates) is tested through Y-axis. The test
1
1
0
0
result is output to PINTDAV and shown in the STATUS register.
1
1
0
1
X+, X– drivers status
1
1
1
0
Y+, Y– drivers status
1
1
1
1
Y+, X– drivers status
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com