Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 2 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 2 Page - Microchip Technology

  WINCS02IC Datasheet HTML 1Page - Microchip Technology WINCS02IC Datasheet HTML 2Page - Microchip Technology WINCS02IC Datasheet HTML 3Page - Microchip Technology WINCS02IC Datasheet HTML 4Page - Microchip Technology WINCS02IC Datasheet HTML 5Page - Microchip Technology WINCS02IC Datasheet HTML 6Page - Microchip Technology WINCS02IC Datasheet HTML 7Page - Microchip Technology WINCS02IC Datasheet HTML 8Page - Microchip Technology WINCS02IC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
WINCS02IC and WINCS02 Family
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 2
• WINCS02 Module with Integrated Microchip Trust&Go Secure Device (Optional)
Security
• Hardware Accelerated Security Modes (CryptoMaster) with Built-in DMA Support
– Encryption engines (AES and TDES with different NIST modes of operation)
• Modes – Electronic Code Book (ECB), Cypher Block Chaining (CBC), Counter Mode (CTR), Cypher
Feedback Mode (CFB) and Output Feedback Mode (OFB)
• AES key sizes: 128b, 192b and 256b
– Authentication engines:
• SHA-1 and SHA-2
• AES GCM (Galois/Counter mode)
• HMAC and AES CMAC
– On-chip oscillator for NDRNG generation
• Multi-Purpose Public Key Crypto Engine Supporting the Following Algorithms:
– ECC/ECDH/ECDSA with standard NIST prime curves up to 521-bit, Curve25519 and Ed25519
– RSA up to 2048-bit keys
Operating Conditions
• WINCS02IC
– Operating Voltage VDD and VDDIO: 3.0-3.6V (3.3V Typical)
– Operating Temperature: -40°C to 105°C
• AEC-Q100 Grade 2 qualified
• WINCS02 Module
– Operating Voltage VDD and VDDIO: 3.0-3.6V (3.3V Typical)
– Operating Temperature: -40°C to 85°C
Module Variants
• PCB Antenna:
– WINCS02PE
– WINCS02PC
• U.FL Connector for External Antenna:
– WINCS02UE
– WINCS02UC
Package
• WINCS02IC
– 48-pin VQFN
– Size: 7 mm x 7 mm x 0.9 mm
• WINCS02 Module
– 28-pin SMD Package with RF Shield Can on Top
– Size: 21.7 mm x 14.7 mm x 2.1 mm
Applications
• Smart Factories/Control Devices
• Security Systems, CCTV
• Smart Homes/Lighting, Smart Locks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com