Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 17 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 17 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 13Page - Microchip Technology WINCS02IC Datasheet HTML 14Page - Microchip Technology WINCS02IC Datasheet HTML 15Page - Microchip Technology WINCS02IC Datasheet HTML 16Page - Microchip Technology WINCS02IC Datasheet HTML 17Page - Microchip Technology WINCS02IC Datasheet HTML 18Page - Microchip Technology WINCS02IC Datasheet HTML 19Page - Microchip Technology WINCS02IC Datasheet HTML 20Page - Microchip Technology WINCS02IC Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 17
• Exposed GND pads on the bottom of the WINCS02 Module must be soldered to the host board
(see the Example of Host Board on Top Layer figure in the WINCS02 Module Routing Guidelines from
Related Links).
• A PCB cutout or a copper keepout is required under the RF test point (see WINCS02 Module
Packaging Information from Related Links).
• Copper keepout areas are required on the top layer under voltage test points (see WINCS02
Module Packaging Information from Related Links).
• Alternatively, the entire region, except the exposed ground paddle, can be solder-masked.
The following figure illustrates the examples of WINCS02 Module placement on a host board with a
ground plane. Refer to the following figure for placement-specific guidance.
Figure 2-9. Module Placement Guidelines
5.3 mm
15.73 mm
Host PCB Ground Plane
No Copper Region
Edge of Host PCB Ground Plane
Module PCB Edge
31.75 mm (keepout clearance region)
for all metallic and plastic structures
around the antenna. Refer to antenna-
specific details of the respective antenna.
The following figure illustrates the examples of the WINCS02 Module placement on a host board
with a ground plane. Refer to Figure 2-9 for placement-specific guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com