Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 62 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 62 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 58Page - Microchip Technology WINCS02IC Datasheet HTML 59Page - Microchip Technology WINCS02IC Datasheet HTML 60Page - Microchip Technology WINCS02IC Datasheet HTML 61Page - Microchip Technology WINCS02IC Datasheet HTML 62Page - Microchip Technology WINCS02IC Datasheet HTML 63Page - Microchip Technology WINCS02IC Datasheet HTML 64Page - Microchip Technology WINCS02IC Datasheet HTML 65Page - Microchip Technology WINCS02IC Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
WINCS02IC and WINCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 62
– PMN:Wireless MCU Module with IEEE®802.11 b/g/n
• Europe/CE
• Great Britain/UKCA
• Japan/MIC: 020-240380
• Korea/KCC: R-R-mcp-WIXCS02
• Taiwan/NCC: CCAN24Y11111T0
5.1
United States
The WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules have received Federal
Communications Commission (FCC) CFR47 Telecommunications, Part 15 Subpart C “Intentional
Radiators” single-modular approval in accordance with Part 15.212 Modular Transmitter approval.
Single-modular transmitter approval is defined as a complete RF transmission sub-assembly,
designed to be incorporated into another device, that must demonstrate compliance with FCC
rules and policies independent of any host. A transmitter with a modular grant can be installed
in different end-use products (referred to as a host, host product or host device) by the grantee
or other equipment manufacturer, then the host product may not require additional testing or
equipment authorization for the transmitter function provided by that specific module or limited
module device.
The user must comply with all of the instructions provided by the Grantee, which indicate
installation and/or operating conditions necessary for compliance.
A host product itself is required to comply with all other applicable FCC equipment authorization
regulations, requirements, and equipment functions that are not associated with the transmitter
module portion. For example, compliance must be demonstrated: to regulations for other
transmitter components within a host product; to requirements for unintentional radiators (Part
15 Subpart B), such as digital devices, computer peripherals, radio receivers, etc.; and to additional
authorization requirements for the non-transmitter functions on the transmitter module (i.e.,
Suppliers Declaration of Conformity (SDoC) or certification) as appropriate (e.g., Bluetooth and Wi-Fi
transmitter modules may also contain digital logic functions).
5.1.1
Labeling and User Information Requirements
The WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules have been labeled with its own FCC
ID number, and if the FCC ID is not visible when the module is installed inside another device, then
the outside of the finished product into which the module is installed must display a label referring
to the enclosed module. This exterior label must use the following wording:
For the WINCS02PC/PE Module
Contains Transmitter Module FCC ID: 2ADHKWIXCS02
or
Contains FCC ID: 2ADHKWIXCS02
This device complies with Part 15 of the FCC Rules. Operation is subject
to the following two conditions: (1) this device may not cause harmful
interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
For the WINCS02UC/UE Module
Contains Transmitter Module FCC ID: 2ADHKWIXCS02U
or
Contains FCC ID: 2ADHKWIXCS02U
This device complies with Part 15 of the FCC Rules. Operation is subject
to the following two conditions: (1) this device may not cause harmful
interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
The user's manual for the finished product must include the following statement:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com