Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 10 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 10 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 6Page - Microchip Technology WINCS02IC Datasheet HTML 7Page - Microchip Technology WINCS02IC Datasheet HTML 8Page - Microchip Technology WINCS02IC Datasheet HTML 9Page - Microchip Technology WINCS02IC Datasheet HTML 10Page - Microchip Technology WINCS02IC Datasheet HTML 11Page - Microchip Technology WINCS02IC Datasheet HTML 12Page - Microchip Technology WINCS02IC Datasheet HTML 13Page - Microchip Technology WINCS02IC Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 10
Table 2-1. WINCS02IC Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Description
34
DFU_RX/STRAP1
I
Device Firmware Update, receive signal
Host interface configuration strapping1 pin. Connecting to a
pull-up resistor of 10K is recommended.
35
DFU_TX/STRAP2
O
Device Firmware Update, transmit signal
I
Host interface configuration strapping2 pin. Connecting to a
pull-up resistor of 10K is recommended.
36
MCLR
I
Master Clear Reset Input (Active low)
37
AVDD
P
Input power supply to Analog Block (3.0-3.6V, 3.3V typical)
38
Reserved(7)
I/O
Reserved pin
Connect to an I/O pin (tri-stated) of a host device or to an
external switch for future use
39
RTCC_OSC_OUT(5)
O
32.768 KHz RTCC oscillator output
40
RTCC_OSC_IN/
PTA_BT_ACTIVE(4)(5)
I
32.768 KHz RTCC Oscillator input
PTA interface, Bluetooth® Coexistence device active
indication input to WINCS02IC
41
VDD33
P
Input supply voltage for the Main Power Domain (3.0-3.6V,
3.3V typical)
42
PTA_BT_PRIO
I
PTA interface, Bluetooth Coexistence device priority
indication input to WINCS02IC.
43
PTA_WLAN_ACTIVE
O
PTA interface, WINCS02IC WLAN active indication output to
Bluetooth Coexistence device
44
Reserved
I/O
Reserved pin
Do not connect.
45
VDD33
P
Input supply voltage for the Main Power Domain (3.0-3.6V,
3.3V typical)
46
PMU_MLDO_OUT(3)
P
1.5V output of on-chip PMU MLDO
47
PMU_VDDP
P
Input power supply to the on-chip PMU (3.0-3.6V, 3.3V typical)
48
PMU_BK_LX
P
1.5V output of on-chip PMU Buck Regulator
Connect to an external LC filter (L = 4.7 uH and C = 10 uF)
49
GND
P
Thermal ground paddle
Notes: 
1. Refer to the reference design package for exact pin mapping and signal connection.
2. WINCS02IC does not support GPIO functionality. All the pins are reserved.
3. Do not connect any external 1.5V supply.
4. This pin can be used either as an oscillator input pin or as PTA BT_ACTIVE. Both functionalities cannot be supported
simultaneously.
5. Current firmware does not support the RTCC oscillator function; it is recommended to have an option to mount the
RTCC oscillator in the design to upgrade with the future version of firmware releases.
6. For more details, refer to the WINCS02 Module External Antenna Calibration Guide (DS50003753).
7. Do not leave this pin unconnected. Follow the directions in the Pin Description column for future upgrades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com