Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 70 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 70 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 65Page - Microchip Technology WINCS02IC Datasheet HTML 66Page - Microchip Technology WINCS02IC Datasheet HTML 67Page - Microchip Technology WINCS02IC Datasheet HTML 68Page - Microchip Technology WINCS02IC Datasheet HTML 69Page - Microchip Technology WINCS02IC Datasheet HTML 70Page - Microchip Technology WINCS02IC Datasheet HTML 71Page - Microchip Technology WINCS02IC Datasheet HTML 72Page - Microchip Technology WINCS02IC Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
WINCS02IC and WINCS02 Family
Appendix B: Acronyms and Abbreviations
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 70
6.
Appendix B: Acronyms and Abbreviations
Table 6-1. Acronyms and Abbreviations
Acronyms
Abbreviations
ADC
Analog-to-Digital Converter
AES
Advanced Encryption Standard
ASCII
American Standard Code for Information Interchange
CBC
Cypher Block Chaining
CDM
Charged Device Model
CFB
Cypher Feedback Mode
CLK
Clock
CMD
Command
CPU
Central Processing Unit
CTR
Counter Mode
CTS
Clear-to-Send
DAC
Digital-to-Analog Converter
DC
Direct Current
DES
Data Encryption Standard
DFU
Device Firmware Update
DNP
Do Not Populate
ECB
Electronic Code Book
ECC
Elliptic-Curve Cryptography
EMC
Electro-Magnetic Compatibility
EMI
Electro-Magnetic Interference
ESD
Electrostatic Discharge
ESR
Effective Series Resistance
EVM
Error Vector Magnitude
FCC
Federal Communications Commission
GND
Ground
GPIO
General Purpose I/O
HBM
Human Body Model
HPA
High Power Amplifier
HTTP
Hypertext Transfer Protocol
I2C
Inter-Integrated Circuit
IP
Internet Protocol
I/O
Input Output
IPWR
Idle Current
ISED
Innovation, Science and Economic Development
ISM
International Safety Management Certification
LNA
Low Noise Amplifier
MCLR
Master Clear Reset Active Low
MSB
Most Significant Bit
NC
No Connection
NDRNG
Non Deterministic Random Number Generator
NIST
National Institute of Standards and Technology
OEM
Original Equipment Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com