Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 7 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 7 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 3Page - Microchip Technology WINCS02IC Datasheet HTML 4Page - Microchip Technology WINCS02IC Datasheet HTML 5Page - Microchip Technology WINCS02IC Datasheet HTML 6Page - Microchip Technology WINCS02IC Datasheet HTML 7Page - Microchip Technology WINCS02IC Datasheet HTML 8Page - Microchip Technology WINCS02IC Datasheet HTML 9Page - Microchip Technology WINCS02IC Datasheet HTML 10Page - Microchip Technology WINCS02IC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 7
2.
Device Overview
The WINCS02IC is a single chip 2.4 GHz and IEEE® 802.11b/g/n-compliant solution with integrated
HPA, LNA and RF switches for TX/RX control. The WINCS02 is a fully RF-certified module based on
WINCS02IC available with the following antenna variants:
• PCB antenna (WINCS02PE/WINCS02PC)
• U.FL connector (WINCS02UE/WINCS02UC) for external antenna
The following figure illustrates the WINCS02IC and the WINCS02 Module block diagram and various
peripherals supported by these devices.
Figure 2-1. WINCS02 Module Block Diagram
MCLR
UART2_TX
(Debug Log)
VDD
VDDIO
INTOUT
DFU_RX/STRAP1
DFU_TX/STRAP2
PTA/RTCC OSC
UART1
SPI Host Interface
WINCS02IC
PCB Antenna
or
U.FL Connector
System Bus
Interfaces
SPI, UART1
PTA
POSC
PMU
VDD, VDDIO
RF
ADC/
DAC
Baseband
Phy
WLAN
MAC
Memory
FLASH
RAM
CRYPTO
CPU
WINCS02 Module
RF Matching
Circuit
Trust&GO Crypto
AuthenticationTM Device
(Optional)
40 MHz
I2C
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com