Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 14 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 14 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 10Page - Microchip Technology WINCS02IC Datasheet HTML 11Page - Microchip Technology WINCS02IC Datasheet HTML 12Page - Microchip Technology WINCS02IC Datasheet HTML 13Page - Microchip Technology WINCS02IC Datasheet HTML 14Page - Microchip Technology WINCS02IC Datasheet HTML 15Page - Microchip Technology WINCS02IC Datasheet HTML 16Page - Microchip Technology WINCS02IC Datasheet HTML 17Page - Microchip Technology WINCS02IC Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 14
2.3
Basic Connection Requirement
The WINCS02 Module requires attention to a minimal set of device pin connections before
proceeding with development.
Figure 2-4. WINCS02 Module Basic Connection and Interface Diagram
10K
DNP
R1
100K
R2
GND
VDD
10K
DNP
R3
100K
R4
GND
VDD
10k
R7
VDD
0.1uF
C4
GND
RESET
INTOUT
PTA_BT_ACTIVE
GND
PTA_WLAN_ACTIVE
PTA_BT_PRIO
1V5
TP1
UART2_TX
VDD
0.1uF
C2
4.7uF
C1
GND
GND
0R
R11
GND
32.768kHz
Y1
GND
18pF
C5
18pF
C6
0R
R9
0R
R8
DNP
DNP
0R
R10
SPI_SDI
U1_RX
TP3
U1_TX
TP2
GND
RESET
1
2
3
4
5
6
J1
1x6_Header
DFU_RX/STRAP1
DFU_TX/STRAP2
RESET
R5
VDD
VDD
I2C_SCL
I2C_SDA
I/O
UART1_TX
UART1_RX
SPI_CS
SPI_SDO
DNP
DNP
DNP
WINCS02_MODULE
NC
1
I2C_SCL
2
I2C_SDA
3
MCLR
4
PTA_WLAN_ACTIVE
5
PTA_BT_PRIO
6
RESERVED
7
NC
8
DFU_RX/STRAP1
10
RESERVED
11
INTOUT
13
UART1_TX
14
SDI1
15
CS1
16
SDO1
17
SCK1
18
UART1_RX
19
RTCC_OSC_IN/PTA_BT_ACTIVE
21
RTCC_OSC_OUT
22
TP
24
NC
25
DFU_TX/STRAP2
26
UART2_TX
27
U1
SPI_SCK
5
SW1
0.1uF
C3
10k
R13
0R
R12
VDD
GND
GND
DNP
DNP
DNP
DNP
R6
NOTE on UART1:
U1_TX and U1_RX will be required for External
antenna calibration for some antennas
NOTE on DFU: For Device Firmware Update.
Add a 2.54mm pitch 1x6 male header to use
with a standard USB to UART converter cable
for DFU; Otherwise, Add test points only for
the 4 required signals
NOTE on Strap pins for host interface selection:
Strap1: Pulled high for future upgrades
Strap2: Pulled high for SPI as a host interface
NOTE on UART2: For printing
Firmware Debug Logs
NOTE on PTA: For coexistance
with a Bluetooth Device
NOTE on I2C: For
communication with Crypto
Authentication security device.
Placeholder for Pull-ups
recommended
NOTE on Host Interface:
SPI is the host interface
NOTE on Supply Pins:
2 supply pins VDD &
VDDIO (3 - 3.6V)
NOTE on TP Test Point: 1.5V
Output from PMU; To confirm
internal PMU is working fine
NOTE on RTCC OSC: RTCC OSC
can be used if coexistance with
Bluetooth device is not a requirement
for end application
NOTE on User Button:
Placeholder for User Button
recommended for future use
Table 2-3. Configuration Details
Configuration Details
Module Pin10/Strap1
Module Pin26/Strap2(1)
Host Interface Selection
Description
1
X (Pulled High)
SPI
WINCS02 Module with SPI
Notes: 
1. The recommendation is to provide an option to mount the pulled-high resistor in the host board design for future
upgrades.
2. The mentioned resistance values are only guidelines. For details on the application schematics, refer to the WINCS02
Add On Board User's Guide (DS50003721).
2.3.1
Power Supply Pin
It is recommended to add a bulk and a decoupling capacitor at the input supply Pin 20 (VDD), Pin 23
(VDDIO) and GND of the WINCS02 Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com