Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 57 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 57 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 53Page - Microchip Technology WINCS02IC Datasheet HTML 54Page - Microchip Technology WINCS02IC Datasheet HTML 55Page - Microchip Technology WINCS02IC Datasheet HTML 56Page - Microchip Technology WINCS02IC Datasheet HTML 57Page - Microchip Technology WINCS02IC Datasheet HTML 58Page - Microchip Technology WINCS02IC Datasheet HTML 59Page - Microchip Technology WINCS02IC Datasheet HTML 60Page - Microchip Technology WINCS02IC Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
WINCS02IC and WINCS02 Family
Packaging Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 57
4.2
WINCS02 Module Packaging Information
4.2.1
WINCS02 Module Packaging Marking
Figure 4-2. WINCS02 Module Packaging Marking
Legend:
YY:
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week "01")
NNN
Alphanumeric traceability code
XX....X
Module part number and version and regulatory designator
FCC ID: 2ADHKWIXCS02
WINCS02PC
IC: 20266-WIXCS02
YYWWNNN
WINCS02UC
IC: 20266-WIXCS02U
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
XX
XX
WINCS02PE
FCC ID: 2ADHKWIXCS02
IC: 20266-WIXCS02
YYWWNNN
YYWWNNN
FCC ID: 2ADHKWIXCS02U
WINCS02UE
IC: 20266-WIXCS02U
YYWWNNN
FCC ID: 2ADHKWIXCS02U
4.2.2
WINCS02 Module Packaging Dimension
This section provides the package dimension details of the WINCS02 Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com