Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 9 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 9 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 5Page - Microchip Technology WINCS02IC Datasheet HTML 6Page - Microchip Technology WINCS02IC Datasheet HTML 7Page - Microchip Technology WINCS02IC Datasheet HTML 8Page - Microchip Technology WINCS02IC Datasheet HTML 9Page - Microchip Technology WINCS02IC Datasheet HTML 10Page - Microchip Technology WINCS02IC Datasheet HTML 11Page - Microchip Technology WINCS02IC Datasheet HTML 12Page - Microchip Technology WINCS02IC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 9
Table 2-1. WINCS02IC Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Description
9
UART1_TX(6)
O
Used for external antenna calibration
Connect this signal to a test point or a pin header
10
INTOUT
O
Interrupt request (Active-low) from the Wi-Fi® module
11
UART2_TX
O
UART2 Transmit signal to print the firmware debug log
12
I2C_SCL1
I
I2C Clock to connect Trust&Go Authentication Secure device.
Connect an external Pull up resistor, if used
13
I2C_SDA1
I/O
I2C Data to connect Trust&Go Authentication Secure device
Connect an external Pull up resistor, if used
14
VDD33
P
Input supply voltage for the Main Power Domain (3.0-3.6V,
3.3V typical)
15
SPI_VDD15
P
1.5V input supply voltage to internal SPI Block
Connect to 1.5V on-chip PMU output
16
AFE_VDD15
P
1.5V input supply voltage to RF Analog Front-End
Connect to 1.5V on-chip PMU output
17
XTL_VDD15
P
1.5V input supply voltage to primary oscillator section
Connect to 1.5V on-chip PMU output
18
XTL_IN
I
40 MHz primary oscillator crystal input
19
XTL_OUT
O
40 MHz primary oscillator crystal output
20
SYN_SD_VDD15
P
1.5V input supply voltage to RF Synthesizer/SD
Connect to 1.5V on-chip PMU output
21
SYN_PLL_VDD15
P
1.5V Input supply voltage to Synthesizer/PLL
Connect to 1.5V on-chip PMU output
22
SYN_VCO_VDD15
P
1.5V input supply voltage to RF Synthesizer/VCO
Connect to 1.5V on-chip PMU output
23
SPI_FE_VDD15
P
1.5V input supply voltage to RF Front-End/SPI
Connect to 1.5V on-chip PMU output
24
RXR_RIQ_VDD15
P
1.5V input supply voltage to RF IQ Mixer/RXR
Connect to 1.5V on-chip PMU output
25
RXR_LNA2_VDD15
P
1.5V input supply voltage to LNA stage-2
Connect to 1.5V on-chip PMU output
26
RXR_LNA1_VDD15
P
1.5V input supply voltage to LNA stage-1
Connect to 1.5V on-chip PMU output
27
TRS_RF
I/O
RF transmit/receive
28
TXR_HPA_VDD33
P
Input power supply to High-Power Amplifier (HPA) on the
Transmitter (3.0-3.6V, 3.3V typical)
29
TXR_HPA_VDD33
P
30
TXR_PPA_VDD33
P
Input power supply to Pre-Power Amplifier (PPA) on the
Transmitter (3.0-3.6V, 3.3V typical)
31
TXR_UMX_VDD15
P
1.5V input supply voltage to RF Upconvertor Mixer/TXR
Connect to 1.5V on-chip PMU output
32
BB_VDD15
P
1.5V input supply voltage to RF Base Band section
Connect to 1.5V on-chip PMU output
33
MSB_EXTRA_48K
O
Connect a pull-down resistor of 48.7K with 1% tolerance to
create a constant current reference for internal analog/RF
blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com