Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 35 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 35 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 31Page - Microchip Technology WINCS02IC Datasheet HTML 32Page - Microchip Technology WINCS02IC Datasheet HTML 33Page - Microchip Technology WINCS02IC Datasheet HTML 34Page - Microchip Technology WINCS02IC Datasheet HTML 35Page - Microchip Technology WINCS02IC Datasheet HTML 36Page - Microchip Technology WINCS02IC Datasheet HTML 37Page - Microchip Technology WINCS02IC Datasheet HTML 38Page - Microchip Technology WINCS02IC Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
WINCS02IC and WINCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 35
Table 3-14. WINCS02IC Receiver Performance Characteristics(1) (continued)
RF Characteristics
Standard Operating Conditions:
VDD=VDDIO= 3.0V to 3.6V (unless
otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Temp
Param. No. Characteristics
Description(5)
Min.
Typ
Max.
Units
WF_RX_3
Sensitivity 802.11g
6 Mbps OFDM
—
-92
—
dBm
9 Mbps OFDM
—
-91
—
12 Mbps OFDM
—
-89
—
18 Mbps OFDM
—
-87
—
24 Mbps OFDM
—
-84
—
36 Mbps OFDM
—
-81
—
48 Mbps OFDM
—
-76
—
54 Mbps OFDM(6)
—
-75
—
WF_RX_4
Sensitivity 802.11n (Bandwidth at
20 MHz) (Both long GI and short
GI)
MCS 0
—
-90
—
dBm
MCS 1
—
-87
—
MCS 2
—
-85
—
MCS 3
—
-82
—
MCS 4
—
-79
—
MCS 5
—
-74
—
MCS 6
—
-73
—
MCS 7(6)
—
-71
—
WF_RX_5
Maximum receive signal level
1, 2 Mbps DSSS
-3
—
—
dBm
5.5, 11 Mbps CCK
-3
—
—
6 Mbps OFDM
-3
—
—
54 Mbps OFDM
-7.2
—
—
MCS 0
-3
—
—
MCS 7
-7
—
—
WF_RX_6
Adjacent channel rejection
1 Mbps DSSS (30 MHz offset)
43.5
—
—
dB
11 Mbps CCK (25 MHz offset)
39.5
—
—
6 Mbps OFDM (25 MHz offset)
39.5
—
—
54 Mbps OFDM (25 MHz offset)
21.5
—
—
MCS 0 – 20 MHz Bandwidth (25
MHz offset)
38.5
—
—
MCS 7 – 20 MHz Bandwidth (25
MHz offset)
19.5
—
—
WF_RX_7
RSSI accuracy
—
-5
—
5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com