Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02IC Datasheet(PDF) 72 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 72 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 65Page - Microchip Technology WINCS02IC Datasheet HTML 66Page - Microchip Technology WINCS02IC Datasheet HTML 67Page - Microchip Technology WINCS02IC Datasheet HTML 68Page - Microchip Technology WINCS02IC Datasheet HTML 69Page - Microchip Technology WINCS02IC Datasheet HTML 70Page - Microchip Technology WINCS02IC Datasheet HTML 71Page - Microchip Technology WINCS02IC Datasheet HTML 72Page - Microchip Technology WINCS02IC Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
WINCS02IC and WINCS02 Family
Document Revision History
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 72
7.
Document Revision History
The revision history describes the changes that were implemented in the document. The changes
are listed by revision, starting with the most current publication.
Table 7-1. Document Revision History
Revision Date
Section
Description
B
03/2025 WINCS02IC and WINCS02 Module
Features
•
Added compatibility for Wi-Fi® 6/7 2.4 GHz band
•
Added support for Extreme Deep Sleep (XDS) mode
•
Added “Example Block Diagram”
Device Overview
Updated “WINCS02 Module Block Diagram”
Pin Details of WINCS02IC
Updated “WINCS02IC Pinout Table”
Pin Details of WINCS02 Module
Updated “WINCS02 Module Pinout Table”
Basic Connection Requirement
Updated “WINCS02 Module Basic Connection and Interface
Diagram”
Interface with Host Microcontroller
Updated “WINCS02 Module Host Interface Diagram”
PCB Antenna
Added “3D Antenna Radiation Patterns” and updated “2D
Antenna Radiation Patterns”
External Antennas
Updated “Approved External Antenna List with Antenna
Gain for WINCS02 Module” table
Extreme Deep Sleep (XDS) Current
Consumption
Added this section
SDIO-SPI AC Timing Specifications
“SPI Electrical Specifications” section was replaced with
“SDIO-SPI AC Timing Specifications”
Appendix A: Regulatory Approval, Japan,
Korea, Taiwan
Added regulatory approval details for Japan, Korea and
Taiwan
A
09/2024 Document
Initial Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com