Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TACDFM Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 56Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 57Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 58Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 59Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 60Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 61Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 62Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 63Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 60 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.
Electrical Characteristics
2.1
Absolute Maximum Ratings
Caution: Permanent damage to the LSI may result if absolute maximum ratings are exceeded.
Note 1. Insert capacitors with good frequency characteristics between each power supply pin and the ground. Specifically, place
capacitors with a value around 0.1 µF as close as possible to every power supply pin, and use the shortest and thickest possible
traces.
2.2
Recommended operating conditions
Note 1. Comply with the following voltage condition: VCC ≤ AVCC0 = AVCC1 = AVCC2
Note 2. When not using any of the12-bit A/D converter (unit 0 to 2), 12-bit D/A converter, comparator C, or temperature sensor, connect
AVCC0, AVCC1, and AVCC2 to VCC, and AVSS0, AVSS1, and AVSS2 to VSS, respectively. For details, refer to section
42.6.9, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 1. Use a multilayer ceramic capacitor with a nominal capacitance of 0.47 µF, for which the sum of the capacitance tolerance and
change in the capacitance under the usage conditions will be no greater than ±30%.
Table 2.1
Absolute Maximum Rating
Conditions: VSS = AVSS0 = AVSS1 = AVSS2 = 0V
Item
Symbol
Value
Unit
Power supply voltage*1
VCC
–0.3 to +6.5
V
Analog power supply voltage*1
AVCC0, AVCC1, AVCC2
–0.3 to +6.5
V
Input voltage
PB1 and PB2 (Ports for 5 V tolerant)
Vin
–0.3 to +6.5
V
P40 to P47, P50 to P55, and P60 to P65
–0.3 to AVCC2 + 0.3 (up to 6.5)
Other than above
–0.3 to VCC + 0.3 (up to 6.5)
Junction temperature
Tj
–40 to +125
°C
Storage temperature
Tstg
–55 to +125
°C
Table 2.2
Recommended operating conditions (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VCC*1
2.7
—
5.5
V
VSS
—
0
—
Analog power supply voltage*2
AVCC0, AVCC1,
AVCC2*1
3.0
—
5.5
V
AVSS0, AVSS1,
AVSS2
—0
—
Input voltage
PB1, PB2 (Ports for 5 V tolerant)
Vin
–0.3
—
5.8
V
P40 to P47, P50 to P55, and P60 to P65
–0.3
—
AVCC2 + 0.3
Other than above
–0.3
—
VCC + 0.3
Operating
temperature
D version
Topr
–40
—
85
°C
G version
–40
—
105
Junction
temperature
D version
Tj
–40
—
105
°C
G version
–40
—
125
Table 2.3
Recommended operating conditions (2)
Item
Symbol
Value
Decoupling capacitance for stabilizing the internal voltage
CVCL
0.47 µF ± 30%*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com