Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TACDFM Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 73Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 74Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 75Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 76Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 77Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 78Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 79Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 80Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 77 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.4.3
Timing of Recovery from Low Power Consumption Modes
Note 1. The time for return after release from software standby is determined by the value obtained by adding the oscillation stabilization
waiting time (tSBYOSCWT) and the time required for operations by the software standby release sequencer (tSBYSEQ).
Note 2. When several oscillators were running before the transition to software standby, the greatest value of the oscillation stabilization
waiting time tSBYOSCWT is selected.
Note 3. For n, the greatest value is selected from among the internal clock division settings.
Note 4. This condition applies when fICLK : fFCLK = 1 : 1, 2 : 1, or 4 : 1.
Table 2.21
Timing of Recovery from Low Power Consumption Modes (1)
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol Min. Typ.
Max.
Unit
Test
Conditions
tSBYOSCWT*2
tSBYSEQ*3
Recovery time
after
cancellation of
software
standby
mode*1
Crystal
resonator
connected to
main clock
oscillator
Main clock
oscillator
operating
tSBYMC
—
—
{(MSTS[7:0] bits ×
32) + 76} / 0.216
100 + 7 / fICLK +
2n / fMAIN
µs
Figure 2.11
Main clock
oscillator and
PLL circuit
operating
tSBYPC
—
—
{(MSTS[7:0] bits ×
32) + 138} / 0.216
100 + 7 / fICLK +
2n / fPLL
External clock
input to main
clock oscillator
Main clock
oscillator
operating
tSBYEX
—
—
352
100 + 7 / fICLK +
2n / fEXMAIN
µs
Main clock
oscillator and
PLL circuit
operating
tSBYPE
—
—
639
100 + 7 / fICLK +
2n / fPLL
High-speed
on-chip
oscillator
operating
High-speed
on-chip
oscillator
operating
tSBYHO
—
—
454
100 + 7 / fICLK +
2n / fHOCO
µs
High-speed
on-chip
oscillator
operating and
PLL circuit
operating
tSBYPH
—
—
741
100 + 7 / fICLK +
2n / fPLL
Low-speed on-chip oscillator
operating*4
tSBYLO
—
—
338
100 + 7 / fICLK +
2n / fLOCO
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com