Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TACDFM Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 61Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 62Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 63Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 64Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 65Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 66Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 67Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 68Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 65 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Table 2.8
DC Characteristics (4)
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Analog
power
supply
current
Unit 0
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: operation for all channels;
PGA: enabled for all channels)
AICC
—
2.7
6.1
mA
IAVCC0_AD + SH +
PGA
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: operation for all channels;
PGA: disabled for all channels)
—
2.0
3.0
IAVCC0_AD + SH
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: stopping of all channels;
PGA: enabled for all channels)
—
1.9
5.0
IAVCC0_AD + PGA
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: stopping of all channels;
PGA: disabled for all channels)
—
1.0
1.5
IAVCC0_AD
Unit 1
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: operation for all channels;
PGA: enabled for all channels)
—
2.7
6.1
IAVCC1_AD + SH +
PGA
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: operation for all channels;
PGA: disabled for all channels)
—
2.0
3.0
IAVCC1_AD + SH
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: stopping of all channels;
PGA: enabled for all channels)
—
1.9
5.0
IAVCC1_AD + PGA
During 12-bit A/D conversion
(Channel-dedicated sample-and-hold
circuits: stopping of all channels;
PGA: disabled for all channels)
—
1.0
1.5
IAVCC1_AD
Unit 2
During 12-bit A/D conversion with the
temperature sensor operating
—
1.0
1.5
IAVCC2_AD +
TEMP
During 12-bit A/D conversion with the
temperature sensor stopped
—
0.9
1.4
IAVCC2_AD
Comparator (6 channels)
—
0.6
0.8
IAVCC2_CMP
During 12-bit D/A conversion (2 channels)
—
0.6
0.8
IAVCC2_DA
Waiting for 12-bit A/D, 12-bit D/A, Comparator C, and
temperature sensor conversion (all units)
—
0.05
0.1
IAVCC0_AD +
IAVCC1_AD +
IAVCC2_AD +
IAVCC2_DA
12-bit A/D, 12-bit D/A, Comparator C, and temperature
sensor are in module stop status (all units)
—
0.3
11.1
µA
IAVCC0_AD +
IAVCC1_AD +
IAVCC2_AD +
IAVCC2_DA
RAM retention voltage
VRAM
2.7
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com