Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TACDFM Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # R5F526TACDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 127Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 128Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 129Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 130Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 131Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 132Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 133Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 134Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 131 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Note 1. Definition of program/erase cycle:
The program/erase cycle is the number of erasing for each block. When the number of program/erase cycles is n, each block
can be erased n times. For instance, when 4-byte program is performed 512 times for different addresses in 2-Kbyte block and
then the block is erased, the program/erase cycle is counted as one. However, the same address cannot be programmed more
than once before the next erase cycle (overwriting is prohibited).
Note 2. Characteristics are degraded as the number of program/erase increases. This is the minimum value of program/erase cycles to
guarantee all characteristics listed in this table.
Note 3. This shows the characteristic when the flash memory writer or self-programming library from Renesas Electronics is in use, and
the number of times programming and erasure proceed does not exceed the specified value.
Note 4. These values are based on the results of reliability testing.
Table 2.54
Data Flash Memory Characteristics
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Temperature range for program/erase: Ta = Topr
Item
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 60 MHz
Unit
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Program time
4 bytes
tDP4
—
0.36
3.8
—
0.16
1.7
ms
Erase time
64 bytes
tDE64
—3.1
18
—1.7
10
Blank check time
4 bytes
tDBC4
——
84
——
30
µs
64 bytes
tDBC64
—
—
280
—
—
100
2 Kbytes
tDBC2K
—
—
6160
—
—
2200
Program/erase cycles*1
NDPEC
100000
*2
—
—
100000
*2
—
—
Cycles
Program suspend latency
tDSPD
—
—
264
—
—
120
µs
Primary erase suspend latency in
suspend priority mode
tDSESD1
—
—
216
—
—
120
Secondary erase suspend latency in
suspend priority mode
tDSESD2
—
—
300
—
—
300
Erase suspend latency in erase
priority mode
tDSEED
—
—
300
—
—
300
Forced stop command
tFD
——
32
——
20
Data retention*3, *4
tDDRP
20
—
—
20
—
—
Year
Ta ≤ 85°C
10
—
—
10
—
—
Ta ≤ 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com