Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 106 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 106 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 107Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 108Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 109Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 110Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
H
RW REGION39
Enable protection for region 39. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
I
RW REGION40
Enable protection for region 40. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
J
RW REGION41
Enable protection for region 41. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
K
RW REGION42
Enable protection for region 42. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
L
RW REGION43
Enable protection for region 43. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
M RW REGION44
Enable protection for region 44. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
N
RW REGION45
Enable protection for region 45. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
O
RW REGION46
Enable protection for region 46. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
P
RW REGION47
Enable protection for region 47. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
6.3.1.3 DISABLEINDEBUG
Address offset: 0x608
Disable protection mechanism in debug mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
A
RW DISABLEINDEBUG
Disable the protection mechanism for NVM regions while in
debug mode. This register will only disable the protection
mechanism if the device is in debug mode.
Disabled
1
Disabled in debug
Enabled
0
Enabled in debug
6.4 CCM — AES CCM mode encryption
Cipher block chaining - message authentication code (CCM) mode is an authenticated encryption
algorithm designed to provide both authentication and confidentiality during data transfer. CCM combines
counter mode encryption and CBC-MAC authentication. The CCM terminology "Message authentication
4430_161 v1.0
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com