Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 107 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 107 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 107Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 108Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 109Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 110Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 111Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 483 page
background image
Peripherals
code (MAC)" is called the "Message integrity check (MIC)" in Bluetooth terminology and also in this
document.
The CCM block generates an encrypted keystream that is applied to input data using the XOR operation
and generates the 4 byte MIC field in one operation. The CCM and radio can be configured to work
synchronously. The CCM will encrypt in time for transmission and decrypt after receiving bytes into
memory from the radio. All operations can complete within the packet RX or TX time. CCM on this device
is implemented according to Bluetooth requirements and the algorithm as defined in IETF RFC3610,
and depends on the AES-128 block cipher. A description of the CCM algorithm can also be found in NIST
Special Publication 800-38C. The Bluetooth specification describes the configuration of counter mode
blocks and encryption blocks to implement compliant encryption for BLE.
The CCM block uses EasyDMA to load key, counter mode blocks (including the nonce required), and to
read/write plain text and cipher text.
The AES CCM supports three operations: key-stream generation, packet encryption, and packet
decryption. All these operations are done in compliance with the Bluetooth specification.14
key-stream
generation
KSGEN
encryption / decryption
CRYPT
ENDKSGEN
ENDCRYPT
SHORTCUT
Figure 26: Key-stream generation followed by encryption or decryption. The shortcut is optional.
6.4.1 Key-steam generation
A new key-stream needs to be generated before a new packet encryption or packet decryption operation
can be started.
A key-stream is generated by triggering the KSGEN task and an ENDKSGEN event will be generated when
the key-stream has been generated.
Key-stream generation, packet encryption, and packet decryption operations utilize the configuration
specified in the data structure pointed to by CNFPTR on page 115. It is necessary to configure this
pointer and its underlying data structure, and the MODE on page 114 register before the KSGEN task is
triggered.
The key-stream will be stored in the AES CCM’s temporary memory area, specified by the SCRATCHPTR on
page 116, where it will be used in subsequent encryption and decryption operations.
For default length packets (MODE.LENGTH = Default) the size of the generated key-stream is 27 bytes.
When using extended length packets (MODE.LENGTH = Extended) the MAXPACKETSIZE on page 116
register specifies the length of the key-stream to be generated. The length of the generated key-stream
must be greater or equal to the length of the subsequent packet payload to be encrypted or decrypted.
The maximum length of the key-stream in extended mode is 251 bytes, which means that the maximum
packet payload size is 251.
If a shortcut is used between ENDKSGEN event and CRYPT task, the INPTR on page 115 pointer and the
OUTPTR on page 115 pointers must also be configured before the KSGEN task is triggered.
6.4.2 Encryption
During packet encryption, the AES CCM will read the unencrypted packet located in RAM at the address
specified in the INPTR pointer, encrypt the packet and append a four byte long Message Integrity Check
(MIC) field to the packet.
14 Bluetooth AES CCM 128 bit block encryption, see Bluetooth Core specification Version 4.0.
4430_161 v1.0
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com