Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 108 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 108 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 107Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 108Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 109Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 110Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 111Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 112Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 483 page
background image
Peripherals
Encryption is started by triggering the CRYPT task with the MODE on page 114 register set to
ENCRYPTION. An ENDCRYPT event will be generated when packet encryption is completed
The AES CCM will also modify the length field of the packet to adjust for the appended MIC field, that is,
add four bytes to the length, and store the resulting packet back into RAM at the address specified in the
OUTPTR on page 115 pointer, see Encryption on page 108.
Empty packets (length field is set to 0) will not be encrypted but instead moved unmodified through the
AES CCM.
The CCM supports different widths of the LENGTH field in the data structure for encrypted packets. This is
configured in the MODE on page 114 register.
AES CCM
H
PL
L
RFU
H
EPL
L+4 RFU
Unencrypted packet
Encrypted packet
MIC
Scratch area
CCM data
structure
MODE = ENCRYPTION
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
PL: unencrypted payload
EPL: encrypted payload
INPTR
OUTPTR
SCRATCHPTR
CNFPTR
Figure 27: Encryption
6.4.3 Decryption
During packet decryption, the AES CCM will read the encrypted packet located in RAM at the address
specified in the INPTR pointer, decrypt the packet, authenticate the packet’s MIC field and generate the
appropriate MIC status.
Decryption is started by triggering the CRYPT task with the MODE on page 114 register set to
DECRYPTION. An ENDCRYPT event will be generated when packet decryption is completed
The AES CCM will also modify the length field of the packet to adjust for the MIC field, that is, subtract
four bytes from the length, and then store the decrypted packet into RAM at the address pointed to by the
OUTPTR pointer, see Decryption on page 108.
The CCM is only able to decrypt packet payloads that are at least 5 bytes long, that is, 1 byte or more
encrypted payload (EPL) and 4 bytes of MIC. The CCM will therefore generate a MIC error for packets
where the length field is set to 1, 2, 3 or 4.
Empty packets (length field is set to 0) will not be decrypted but instead moved unmodified through the
AES CCM, these packets will always pass the MIC check.
The CCM supports different widths of the LENGTH field in the data structure for decrypted packets. This is
configured in the MODE on page 114 register.
AES CCM
H
PL
L
RFU
H
EPL
L+4 RFU
Unencrypted packet
Encrypted packet
MIC
Scratch area
CCM data
structure
MODE = DECRYPTION
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
PL: unencrypted payload
EPL: encrypted payload
OUTPTR
INPTR
SCRATCHPTR
CNFPTR
Figure 28: Decryption
6.4.4 AES CCM and RADIO concurrent operation
The CCM module is able to encrypt/decrypt data synchronously to data being transmitted or received on
the radio.
4430_161 v1.0
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com