Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 337 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 337 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 333Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 334Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 335Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 336Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 337Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 338Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 339Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 340Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 341Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 483 page
background image
Peripherals
The ADC has a wide selection of gains controlled in the GAIN field of the CH[n].CONFIG register. If
CH[n].CONFIG.REFSEL=0, the input range of the ADC core is nominally ±0.6 V differential and the input
must be scaled accordingly.
The ADC has a temperature dependent offset. If the ADC is to operate over a large temperature range, we
recommend running CALIBRATEOFFSET at regular intervals, a CALIBRATEDONE event will be fired when the
calibration is complete
6.17.4 Analog inputs and channels
Up to eight analog input channels, CH[n](n=0..7), can be configured.
See Shared resources on page 335 for shared input with comparators.
Any one of the available channels can be enabled for the ADC to operate in one-shot mode. If more than
one CH[n] is configured, the ADC enters scan mode.
An analog input is selected as a positive converter input if CH[n].PSELP is set, setting CH[n].PSELP also
enables the particular channel.
An analog input is selected as a negative converter input if CH[n].PSELN is set. The CH[n].PSELN register
will have no effect unless differential mode is enabled, see MODE field in CH[n].CONFIG register.
If more than one of the CH[n].PSELP registers is set, the device enters scan mode. Input selections in scan
mode are controlled by the CH[n].PSELP and CH[n].PSELN registers, where CH[n].PSELN is only used if the
particular scan channel is specified as differential, see MODE field in CH[n].CONFIG register.
Important: Channels selected for COMP cannot be used at the same time for ADC sampling,
though channels not selected for use by these blocks can be used by the ADC.
Channel input
Source
Connectivity
CH[n].PSELP
AIN0…AIN7
Yes(any)
CH[n].PSELP
VDD
Yes
CH[n].PSELN
AIN0…AIN7
Yes(any)
CH[n].PSELN
VDD
Yes
Table 69: Legal connectivity CH[n] vs. analog input
6.17.5 Operation modes
The ADC input configuration supports one-shot mode, continuous mode and scan mode.
Scan mode and oversampling cannot be combined.
6.17.5.1 One-shot mode
One-shot operation is configured by enabling only one of the available channels defined by CH[n].PSELP,
CH[n].PSELN, and CH[n].CONFIG registers.
Upon a SAMPLE task, the ADC starts to sample the input voltage. The CH[n].CONFIG.TACQ controls the
acquisition time.
A DONE event signals that one sample has been taken.
In this mode, the RESULTDONE event has the same meaning as DONE when no oversampling takes place.
Note that both events may occur before the actual value has been transferred into RAM by EasyDMA. For
more information, see EasyDMA on page 339.
4430_161 v1.0
337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com