| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R7 Datasheet(PDF) 338 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 Datasheet(HTML) 338 Page - Nordic Semiconductor |
|
338 / 483 page ![]() Peripherals 6.17.5.2 Continuous mode Continuous sampling can be achieved by using the internal timer in the ADC, or triggering the SAMPLE task from one of the general purpose timers through the PPI. Care shall be taken to ensure that the sample rate fulfils the following criteria, depending on how many channels are active: fSAMPLE< 1/[tACQ + tconv] The SAMPLERATE register can be used as a local timer instead of triggering individual SAMPLE tasks. When SAMPLERATE.MODE is set to Timers, it is sufficient to trigger SAMPLE task only once in order to start the SAADC and triggering the STOP task will stop sampling. The SAMPLERATE.CC field controls the sample rate. The SAMPLERATE timer mode cannot be combined with SCAN mode, and only one channel can be enabled in this mode. A DONE event signals that one sample has been taken. In this mode, the RESULTDONE event has the same meaning as DONE when no oversampling takes place. Note that both events may occur before the actual value has been transferred into RAM by EasyDMA. 6.17.5.3 Oversampling An accumulator in the ADC can be used to average noise on the analog input. In general, oversampling improves the signal-to-noise ratio (SNR). Oversampling, however, does not improve the integral non- linearity (INL), or differential non-linearity (DNL). Oversampling and scan should not be combined, since oversampling and scan will average over input channels. The accumulator is controlled in the OVERSAMPLE register. The SAMPLE task must be set 2OVERSAMPLE number of times before the result is written to RAM. This can be achieved by: • Configuring a fixed sampling rate using the local timer or a general purpose timer and PPI to trigger a SAMPLE task • Triggering SAMPLE 2OVERSAMPLE times from software • Enabling BURST mode CH[n].CONFIG.BURST can be enabled to avoid setting SAMPLE task 2OVERSAMPLE times. With BURST = 1 the ADC will sample the input 2OVERSAMPLE times as fast as it can (actual timing: <(tACQ+tCONV)×2OVERSAMPLE). Thus, for the user it will just appear like the conversion took a bit longer time, but other than that, it is similar to one-shot mode. Scan mode can be combined with BURST=1, if burst is enabled on all channels. A DONE event signals that one sample has been taken. In this mode, the RESULTDONE event signals that enough conversions have taken place for an oversampled result to get transferred into RAM. Note that both events may occur before the actual value has been transferred into RAM by EasyDMA. 6.17.5.4 Scan mode A channel is considered enabled if CH[n].PSELP is set. If more than one channel, CH[n], is enabled, the ADC enters scan mode. In scan mode, one SAMPLE task will trigger one conversion per enabled channel. The time it takes to sample all channels is: Total time < Sum(CH[x].tACQ+tCONV), x=0..enabled channels A DONE event signals that one sample has been taken. 4430_161 v1.0 338 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |