Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 342 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 342 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 338Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 339Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 340Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 341Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 342Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 343Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 344Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 345Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 346Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 483 page
background image
Peripherals
Rsource
TACQ
ADC
Figure 95: Simplified ADC sample network
TACQ [µs]
Maximum source resistance [kOhm]
3
10
5
40
10
100
15
200
20
400
40
800
Table 70: Acquisition time
6.17.10 Limits event monitoring
A channel can be event monitored by configuring limit register CH[n].LIMIT.
If the conversion result is higher than the defined high limit, or lower than the defined low limit, the
appropriate event will get fired.
VIN
t
CH[n].LIMIT.LOW
CH[n].LIMIT.HIGH
events
Figure 96: Example of limits monitoring on channel 'n'
4430_161 v1.0
342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com