| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R7 Datasheet(PDF) 339 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 Datasheet(HTML) 339 Page - Nordic Semiconductor |
|
339 / 483 page ![]() Peripherals In this mode, the RESULTDONE event signals has the same meaning as DONE when no oversampling takes place. Note that both events may occur before the actual values have been transferred into RAM by EasyDMA. Example of RAM placement (even RESULT.MAXCNT), channels 1, 2 and 5 enabled on page 339 provides an example of results placement in Data RAM, with an even RESULT.MAXCNT. In this example, channels 1, 2 and 5 are enabled, all others are disabled. (…) CH[2] 1st result CH[1] 1st result 31 RESULT.PTR 16 15 0 RESULT.PTR + 4 CH[1] 2nd result CH[5] 1st result CH[5] 2nd result CH[2] 2nd result RESULT.PTR + 8 CH[5] last result CH[2] last result RESULT.PTR + 2*(RESULT.MAXCNT – 2) Figure 91: Example of RAM placement (even RESULT.MAXCNT), channels 1, 2 and 5 enabled Example of RAM placement (odd RESULT.MAXCNT), channels 1, 2 and 5 enabled on page 339 provides an example of results placement in Data RAM, with an odd RESULT.MAXCNT. In this example, channels 1, 2 and 5 are enabled, all others are disabled. The last 32-bit word is populated only with one 16-bit result. (…) CH[2] 1st result CH[1] 1st result 31 RESULT.PTR 16 15 0 RESULT.PTR + 4 CH[1] 2nd result CH[5] 1st result CH[5] 2nd result CH[2] 2nd result RESULT.PTR + 8 CH[5] last result RESULT.PTR + 2*(RESULT.MAXCNT – 1) Figure 92: Example of RAM placement (odd RESULT.MAXCNT), channels 1, 2 and 5 enabled 6.17.6 EasyDMA After configuring RESULT.PTR and RESULT.MAXCNT, the ADC resources are started by triggering the START task. The ADC is using EasyDMA to store results in a Result buffer in RAM. The Result buffer is located at the address specified in the RESULT.PTR register. The RESULT.PTR register is double-buffered and it can be updated and prepared for the next START task immediately after the STARTED event is generated. The size of the Result buffer is specified in the RESULT.MAXCNT register and the ADC will generate an END event when it has filled up the Result buffer, see ADC on page 340. Results are stored in little-endian byte order in Data RAM. Every sample will be sign extended to 16 bit before stored in the Result buffer. The ADC is stopped by triggering the STOP task. The STOP task will terminate an ongoing sampling. The ADC will generate a STOPPED event when it has stopped. If the ADC is already stopped when the STOP task is triggered, the STOPPED event will still be generated. 4430_161 v1.0 339 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |