Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 40 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 40 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 444 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW RESET
Soft reset triggered through CTRL-AP. See Reset behavior in
POWER chapter for more details.
NoReset
0
Reset is not active
Reset
1
Reset is active. Device is held in reset.
4.8.2.1.2 ERASEALL
Address offset: 0x004
Erase all
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W ERASEALL
Erase all flash and RAM
NoOperation
0
No operation
Erase
1
Erase all flash and RAM
4.8.2.1.3 ERASEALLSTATUS
Address offset: 0x008
Status register for the ERASEALL operation
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
ERASEALLSTATUS
Status register for the ERASEALL operation
Ready
0
ERASEALL is ready
Busy
1
ERASEALL is busy (on-going)
4.8.2.1.4 APPROTECTSTATUS
Address offset: 0x00C
Status register for access port protection
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
APPROTECTSTATUS
Status register for access port protection
Enabled
0
Access port protection enabled
Disabled
1
Access port protection not enabled
4.8.2.1.5 IDR
Address offset: 0x0FC
CTRL-AP identification register, IDR
4454_140 v1.0
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com