Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 71 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 71 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 75Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 444 page
background image
Power and clock management
Status indicating that LFCLKSTART task has been triggered
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
STATUS
LFCLKSTART task triggered or not
NotTriggered
0
Task not triggered
Triggered
1
Task triggered
5.4.3.17 LFCLKSTAT
Address offset: 0x418
LFCLK status
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
SRC
Source of LFCLK
RC
0
32.768 kHz RC oscillator
Xtal
1
32.768 kHz crystal oscillator
Synth
2
32.768 kHz synthesized from HFCLK
B
R
STATE
LFCLK state
NotRunning
0
LFCLK not running
Running
1
LFCLK running
5.4.3.18 LFCLKSRCCOPY
Address offset: 0x41C
Copy of LFCLKSRC register, set when LFCLKSTART task was triggered
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
SRC
Clock source
RC
0
32.768 kHz RC oscillator
Xtal
1
32.768 kHz crystal oscillator
Synth
2
32.768 kHz synthesized from HFCLK
5.4.3.19 LFCLKSRC
Address offset: 0x518
Clock source for the LFCLK
4454_140 v1.0
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com