Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 43 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 43 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 47Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 444 page
background image
Power and clock management
Condition
Value
VDD
3 V
Temperature
25°C
CPU
WFI (wait for interrupt)/WFE (wait for event) sleep
Peripherals
All idle
Clock
Not running
Regulator
LDO
RAM
Full 24 kB retention
Compiler3
GCC v4.9.3 20150529 (arm-none-eabi-gcc).
Compiler flags: -O0 -falign-functions=16 -fno-strict-
aliasing -mcpu=cortex-m4 -mfloat-abi=soft -msoft-
float -mthumb.
32 MHz crystal4
SMD 2520, 32 MHz, 10 pF +/- 10 ppm
Table 13: Current consumption scenarios, common conditions
5.2.1 Electrical specification
5.2.1.1 CPU running
Symbol
Description
Min.
Typ.
Max.
Units
ICPU0
CPU running CoreMark @64 MHz from flash, Clock = HFXO,
Regulator = DCDC
2.2
mA
ICPU1
CPU running CoreMark @64 MHz from flash, Clock = HFXO
4.2
mA
ICPU2
CPU running CoreMark @64 MHz from RAM, Clock = HFXO,
Regulator = DCDC
2.1
mA
ICPU3
CPU running CoreMark @64 MHz from RAM, Clock = HFXO
4
mA
ICPU4
CPU running CoreMark @64 MHz from flash, Clock = HFINT,
Regulator = DCDC
2
mA
3 Applying only when CPU is running
4 Applying only when HFXO is running
4454_140 v1.0
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com