Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 72 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 72 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 76Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 444 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SRC
Clock source
RC
0
32.768 kHz RC oscillator
Xtal
1
32.768 kHz crystal oscillator
Synth
2
32.768 kHz synthesized from HFCLK
B
RW BYPASS
Enable or disable bypass of LFCLK crystal oscillator with
external clock source
Disabled
0
Disable (use with Xtal or low-swing external source)
Enabled
1
Enable (use with rail-to-rail external source)
C
RW EXTERNAL
Enable or disable external source for LFCLK
Disabled
0
Disable external source (use with Xtal)
Enabled
1
Enable use of external source instead of Xtal (SRC needs to
be set to Xtal)
5.4.3.20 CTIV ( Retained )
Address offset: 0x538
This register is a retained register
Calibration timer interval
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CTIV
Calibration timer interval in multiple of 0.25 seconds.
Range: 0.25 seconds to 31.75 seconds.
5.4.4 Electrical specification
5.4.4.1 64 MHz internal oscillator (HFINT)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_HFINT
Nominal output frequency
64
MHz
fTOL_HFINT
Frequency tolerance
<±1.5
<±8
%
tSTART_HFINT
Startup time
3
us
5.4.4.2 64 MHz crystal oscillator (HFXO)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_HFXO
Nominal output frequency
64
MHz
fXTAL_HFXO
External crystal frequency
32
MHz
fTOL_HFXO
Frequency tolerance requirement for 2.4 GHz proprietary
radio applications
±60
ppm
fTOL_HFXO_BLE
Frequency tolerance requirement, Bluetooth low energy
applications
±40
ppm
CL_HFXO
Load capacitance
12
pF
C0_HFXO
Shunt capacitance
7
pF
4454_140 v1.0
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com