Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 65 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 65 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 69Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 444 page
background image
Power and clock management
SRC
EXTERNAL
BYPASS
Comment
0
0
0
Normal operation, RC is source
0
0
1
DO NOT USE
0
1
X
DO NOT USE
1
0
0
Normal XTAL operation
1
1
0
Apply external low swing signal to XL1, ground XL2
1
1
1
Apply external full swing signal to XL1, leave XL2 grounded or unconnected
1
0
1
DO NOT USE
2
0
0
Normal operation, synth is source
2
0
1
DO NOT USE
2
1
X
DO NOT USE
Table 17: LFCLKSRC configuration depending on clock source
To achieve correct oscillation frequency, the load capacitance must match the specification in the crystal
data sheet. Circuit diagram of the 32.768 kHz crystal oscillator on page 65 shows the LFXO circuitry.
C1
C2
32.768 kHz
crystal
XL1
XL2
Figure 20: Circuit diagram of the 32.768 kHz crystal oscillator
The load capacitance (CL) is the total capacitance seen by the crystal across its terminals and is given by:
C1 and C2 are ceramic SMD capacitors connected between each crystal terminal and ground. Cpcb1 and
Cpcb2 are stray capacitances on the PCB. Cpin is the pin input capacitance on the XC1 and XC2 pins (see
32.768 kHz crystal oscillator (LFXO) on page 73). The load capacitors C1 and C2 should have the same
value.
For more information, see Reference circuitry on page 425.
5.4.2.5 32.768 kHz synthesized from HFCLK (LFSYNT)
LFCLK can also be synthesized from the HFCLK clock source. The accuracy of LFCLK will then be the
accuracy of the HFCLK.
Using the LFSYNT clock avoids the requirement for a 32.768 kHz crystal, but increases average power
consumption as the HFCLK will need to be requested in the system.
4454_140 v1.0
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com