Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 26 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 26 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 30Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 444 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
R
DEVICEID
64 bit unique device identifier
DEVICEID[0] contains the least significant bits of the device
identifier. DEVICEID[1] contains the most significant bits of
the device identifier.
4.4.1.4 ER[n] (n=0..3)
Address offset: 0x080 + (n × 0x4)
Encryption root, word n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
R
ER
Encryption root, word n
4.4.1.5 IR[n] (n=0..3)
Address offset: 0x090 + (n × 0x4)
Identity root, word n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
R
IR
Identity root, word n
4.4.1.6 DEVICEADDRTYPE
Address offset: 0x0A0
Device address type
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
R
DEVICEADDRTYPE
Device address type
Public
0
Public address
Random
1
Random address
4.4.1.7 DEVICEADDR[n] (n=0..1)
Address offset: 0x0A4 + (n × 0x4)
Device address n
4454_140 v1.0
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com