Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QFAA-R7 Datasheet(PDF) 34 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 34 Page - Nordic Semiconductor

Back Button NRF52811-QFAA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 444 page
background image
Core components
4.5.1.1 NRFFW[n] (n=0..12)
Address offset: 0x014 + (n × 0x4)
Reserved for Nordic firmware design
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
RW NRFFW
Reserved for Nordic firmware design
4.5.1.2 NRFHW[n] (n=0..11)
Address offset: 0x050 + (n × 0x4)
Reserved for Nordic hardware design
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
RW NRFHW
Reserved for Nordic hardware design
4.5.1.3 CUSTOMER[n] (n=0..31)
Address offset: 0x080 + (n × 0x4)
Reserved for customer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
RW CUSTOMER
Reserved for customer
4.5.1.4 PSELRESET[n] (n=0..1)
Address offset: 0x200 + (n × 0x4)
Mapping of the nRESET function (see POWER chapter for details)
All PSELRESET registers have to contain the same value for a pin mapping to be valid. If values are not
the same, there will be no nRESET function exposed on a GPIO. As a result, the device will always start
independently of the levels present on any of the GPIOs.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
RW PIN
21
GPIO pin number onto which nRESET is exposed
C
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
4454_140 v1.0
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com